Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3002-I/ST Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP3002-I/ST
Description  2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3002-I/ST Datasheet(HTML) 2 Page - Microchip Technology

  MCP3002-I/ST Datasheet HTML 1Page - Microchip Technology MCP3002-I/ST Datasheet HTML 2Page - Microchip Technology MCP3002-I/ST Datasheet HTML 3Page - Microchip Technology MCP3002-I/ST Datasheet HTML 4Page - Microchip Technology MCP3002-I/ST Datasheet HTML 5Page - Microchip Technology MCP3002-I/ST Datasheet HTML 6Page - Microchip Technology MCP3002-I/ST Datasheet HTML 7Page - Microchip Technology MCP3002-I/ST Datasheet HTML 8Page - Microchip Technology MCP3002-I/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
MCP3002
DS21294E-page 2
 2000-2011 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD ..................................................................................7.0V
All Inputs and Outputs w.r.t. VSS ............. -0.6V to VDD +0.6V
Storage Temperature.....................................-65°C to +150°C
Ambient temperature with power applied.......-65°C to +150°C
ESD Protection On All Pins (HBM)
 4kV
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification is not
implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
All parameters apply at VDD = 5V, TA = -40°C to +85°C, fSAMPLE = 200 ksps and fCLK = 16*fSAMPLE, unless otherwise
noted.
Typical values apply for VDD = 5V, TA = +25°C, unless otherwise noted.
PARAMETER
SYM
MIN
TYP
MAX
UNITS
CONDITIONS
Conversion Rate:
Conversion Time
TCONV
—
—
10
clock
cycles
Analog Input Sample Time
TSAMPLE
1.5
clock
cycles
Throughput Rate
FSAMPLE
——
200
75
ksps
ksps
VDD = 5V
VDD = 2.7V
DC Accuracy:
Resolution
10
bits
Integral Nonlinearity
INL
—
±0.5
±1
LSB
Differential Nonlinearity
DNL
—
±0.25
±1
LSB
No missing codes over
temperature
Offset Error
—
—
±1.5
LSB
Gain Error
—
—
±1
LSB
Dynamic Performance:
Total Harmonic Distortion
THD
—
-76
—
dB
VIN = 0.1V to 4.9V@1 kHz
Signal to Noise and Distortion
(SINAD)
SINAD
—
61
—
dB
VIN = 0.1V to 4.9V@1 kHz
Spurious Free Dynamic Range
SFDR
—
78
—
dB
VIN = 0.1V to 4.9V@1 kHz
Analog Inputs:
Input Voltage Range for CH0 or
CH1 in Single-ended Mode
VSS
—VDD
V
Input Voltage Range for IN+ in
Pseudo-Differential Mode
IN+
IN-
—
VDD+IN-
Input Voltage Range for IN- in
Pseudo-Differential Mode
IN-
VSS-100
—
VSS+100
mV
Leakage Current
—
0.001
±1
µA
Switch Resistance
RSS
—1K
—
See Figure 4-1
Sample Capacitor
CSAMPLE
—20
—
pF
See Figure 4-1
Note 1: This parameter is established by characterization and not 100% tested.
2: The sample cap will eventually lose charge, especially at elevated temperatures, therefore fCLK 10 kHz for
temperatures at or above 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com