Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3002-I/ST Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP3002-I/ST
Description  2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3002-I/ST Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP3002-I/ST Datasheet HTML 6Page - Microchip Technology MCP3002-I/ST Datasheet HTML 7Page - Microchip Technology MCP3002-I/ST Datasheet HTML 8Page - Microchip Technology MCP3002-I/ST Datasheet HTML 9Page - Microchip Technology MCP3002-I/ST Datasheet HTML 10Page - Microchip Technology MCP3002-I/ST Datasheet HTML 11Page - Microchip Technology MCP3002-I/ST Datasheet HTML 12Page - Microchip Technology MCP3002-I/ST Datasheet HTML 13Page - Microchip Technology MCP3002-I/ST Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
MCP3002
DS21294E-page 10
 2000-2011 Microchip Technology Inc.
Note: Unless otherwise indicated, VDD = 5V, fSAMPLE = 200 ksps, fCLK = 16* fSAMPLE, TA = +25°C.
FIGURE 2-25:
Spurious Free Dynamic
Range (SFDR) vs. Input Frequency.
FIGURE 2-26:
Frequency Spectrum of
10 kHz input (Representative Part).
FIGURE 2-27:
Frequency Spectrum of
1 kHz input (Representative Part, VDD = 2.7V).
FIGURE 2-28:
IDD vs. VDD.
FIGURE 2-29:
IDD vs. Clock Frequency.
FIGURE 2-30:
IDD vs. Temperature.
0
10
20
30
40
50
60
70
80
90
100
1
10
100
Input Frequency (kHz)
VDD = 5V
fSAMPLE = 200 ksps
VDD = 2.7V
fSAMPLE = 75 ksps
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
20000
40000
60000
80000
100000
Frequency (Hz)
VDD = 5V
fSAMPLE = 200 ksps
fINPUT = 10.976 kHz
4096 points
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency (Hz)
VDD = 2.7V
fSAMPLE = 75 ksps
fINPUT = 1.00708 kHz
4096 points
0
100
200
300
400
500
600
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
All points at fCLK = 3.2 MHz
except at VDD = 2.5V, fCLK = 1.2 MHz
0
50
100
150
200
250
300
350
400
450
500
550
600
10
100
1000
10000
Clock Frequency (kHz)
VDD = 5V
VDD = 2.7V
0
100
200
300
400
500
600
-50
-25
0
255075
100
Temperature (°C)
VDD = 5V
fCLK = 3.2 MHz
VDD = 2.7V
fCLK = 1.2 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com