Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3002-I/ST Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP3002-I/ST
Description  2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3002-I/ST Datasheet(HTML) 5 Page - Microchip Technology

  MCP3002-I/ST Datasheet HTML 1Page - Microchip Technology MCP3002-I/ST Datasheet HTML 2Page - Microchip Technology MCP3002-I/ST Datasheet HTML 3Page - Microchip Technology MCP3002-I/ST Datasheet HTML 4Page - Microchip Technology MCP3002-I/ST Datasheet HTML 5Page - Microchip Technology MCP3002-I/ST Datasheet HTML 6Page - Microchip Technology MCP3002-I/ST Datasheet HTML 7Page - Microchip Technology MCP3002-I/ST Datasheet HTML 8Page - Microchip Technology MCP3002-I/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
 2000-2011 Microchip Technology Inc.
DS21294E-page 5
MCP3002
FIGURE 1-2:
Test Circuits.
VIH
tDIS
CS
DOUT
Waveform 1*
DOUT
Waveform 2†
90%
10%
* Waveform 1 is for an output with internal
conditions such that the output is high, unless dis-
abled by the output control.
† Waveform 2 is for an output with internal
conditions such that the output is low, unless dis-
abled by the output control.
Voltage Waveforms for tDIS
Test Point
1.4V
DOUT
Load Circuit for tR, tF, tDO
3kΩ
CL = 30 pF
Test Point
DOUT
Load Circuit for tDIS and tEN
3kΩ
30 pF
tDIS Waveform 2
tDIS Waveform 1
CS
CLK
DOUT
tEN
12
B9
Voltage Waveforms for tEN
tEN Waveform
VDD
VDD/2
VSS
3
4
DOUT
tR
Voltage Waveforms for tR, tF
CLK
DOUT
tDO
Voltage Waveforms for tDO
tF
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com