Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3002-I/ST Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP3002-I/ST
Description  2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3002-I/ST Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP3002-I/ST Datasheet HTML 8Page - Microchip Technology MCP3002-I/ST Datasheet HTML 9Page - Microchip Technology MCP3002-I/ST Datasheet HTML 10Page - Microchip Technology MCP3002-I/ST Datasheet HTML 11Page - Microchip Technology MCP3002-I/ST Datasheet HTML 12Page - Microchip Technology MCP3002-I/ST Datasheet HTML 13Page - Microchip Technology MCP3002-I/ST Datasheet HTML 14Page - Microchip Technology MCP3002-I/ST Datasheet HTML 15Page - Microchip Technology MCP3002-I/ST Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
MCP3002
DS21294E-page 12
 2000-2011 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
Additional descriptions of the device pins follows.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Inputs (CH0/CH1)
Analog inputs for channels 0 and 1 respectively. These
channels can programmed to be used as two indepen-
dent channels in Single-Ended mode or as a single
pseudo-differential input where one channel is IN+ and
one channel is IN-. See Section 5.0 “Serial Commu-
nications” for information on programming the
channel configuration.
3.2
Chip Select/Shutdown (CS/SHDN)
The CS/SHDN pin is used to initiate communication
with the device when pulled low and will end a conver-
sion and put the device in low power standby when
pulled high. The CS/SHDN pin must be pulled high
between conversions.
3.3
Serial Clock (CLK)
The SPI clock pin is used to initiate a conversion and to
clock out each bit of the conversion as it takes place.
See Section 6.2 “Maintaining Minimum Clock
Speed” for constraints on clock speed.
3.4
Serial Data Input (DIN)
The SPI port serial data input pin is used to clock in
input channel configuration data.
3.5
Serial Data Output (DOUT)
The SPI serial data output pin is used to shift out the
results of the A/D conversion. Data will always change
on the falling edge of each clock as the conversion
takes place.
MSOP, PDIP, SOIC,
TSSOP
Name
Function
1CS/SHDN
Chip Select/Shutdown Input
2
CH0
Channel 0 Analog Input
3
CH1
Channel 1 Analog Input
4VSS
Ground
5DIN
Serial Data In
6DOUT
Serial Data Out
7
CLK
Serial Clock
8VDD/VREF
+2.7V to 5.5V Power Supply and Reference Voltage Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com