Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS274C65AS Datasheet(PDF) 64 Page - Texas Instruments

Part # TPS274C65AS
Description  TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS274C65AS Datasheet(HTML) 64 Page - Texas Instruments

Back Button TPS274C65AS Datasheet HTML 60Page - Texas Instruments TPS274C65AS Datasheet HTML 61Page - Texas Instruments TPS274C65AS Datasheet HTML 62Page - Texas Instruments TPS274C65AS Datasheet HTML 63Page - Texas Instruments TPS274C65AS Datasheet HTML 64Page - Texas Instruments TPS274C65AS Datasheet HTML 65Page - Texas Instruments TPS274C65AS Datasheet HTML 66Page - Texas Instruments TPS274C65AS Datasheet HTML 67Page - Texas Instruments TPS274C65AS Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 87 page
background image
Table 9-46. DEV_CONFIG2 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
3-0
ILIM_REG_34
R/W
Ah
Sets the current limit regulation value during overcurrent or short
circuit events(Ch3 and Ch4).
0h = 0.25A
1h = 0.33A
2h = 0.4A
3h = 0.48A
4h = 0.56A
5h = 0.67A
6h = 0.72A
7h = 0.85A
8h = 1A
9h = 1.1A
Ah = 1.25A
Bh = 1.5A
Ch = 1.6A
Dh = 1.75A
Eh = 1.9A
Fh = 2.2A
9.6.35 DEV_CONFIG3 Register (Offset = 23h) [Reset = 00h]
DEV_CONFIG3 is shown in Table 9-47.
Return to the Summary Table.
Device Configuration register - RCB function disable in all channels,Sense current range Inrush current Limit
level config, Parallel chanel config Inrush current Limit level config, ILIM type config inrush or current limit
duration
Table 9-47. DEV_CONFIG3 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RCB_DIS
R/W
0h
Setting this bit to 1, disable RCB function in all channels
0h = RCB FET gate output set per channel.
1h = Disables RCB function
6
ILIM_SET
R/W
0h
Set this bit to allow CH1/CH2 to have different current limit setting
than CH3/CH4
0h = Current Limit / inrush deay the same for all channels as in
register DEV_CONFIG1
1h = Current limit / inrsh delay set differenty for CH1/CH2 (as in
DEV_CONFIG1) and C3/CH4 (DEV_CONFIG2)
5
ISNS_RANGE
R/W
0h
Sets the load current sense range - optimizing the current sense
output
0h = Load current to be sensed less than or equal to 800 mA
1h = Load current to be sensed more than 800 mA
4
PARALLEL_34
R/W
0h
Set this bit to 1 to signal that channels 3 and 4 (CH3 and CH4) are
paralleled. Write to this bit is valid only when all four SW_STATE bits
are 0 and not rewritten to 1 in the same frame.
0h = CH3 and CH4 are not paralleled together
1h = CH3 and CH4 are paralleled together
3
PARALLEL_12
R/W
0h
Set this bit to 1 to signal that channels 1 and 2(CH1 and CH2) are
paralleled. Write to this bit is valid only when all four SW_STATE bits
are 0 and not rewritten to 1 in the same frame.
0h = CH1 and CH2 are not paralleled together
1h = CH1 and CH2 are paralleled together
2
ILIM_CONFIG
R/W
0h
Set this bit to 1 to have the ILIM duration applied as the period of
inrush current limit or to set as the duration of current limiting before
switching off the FET.
0h = ILIM duratiion set as the period of inrush current limit
1h = ILIM duration set as the period of current limiting before
switching off FET
TPS274C65
SLVSFZ2B – APRIL 2023 – REVISED OCTOBER 2023
www.ti.com
64
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS274C65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com