Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS274C65AS Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS274C65AS
Description  TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS274C65AS Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS274C65AS Datasheet HTML 9Page - Texas Instruments TPS274C65AS Datasheet HTML 10Page - Texas Instruments TPS274C65AS Datasheet HTML 11Page - Texas Instruments TPS274C65AS Datasheet HTML 12Page - Texas Instruments TPS274C65AS Datasheet HTML 13Page - Texas Instruments TPS274C65AS Datasheet HTML 14Page - Texas Instruments TPS274C65AS Datasheet HTML 15Page - Texas Instruments TPS274C65AS Datasheet HTML 16Page - Texas Instruments TPS274C65AS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 87 page
background image
7.6 Switching Characteristics
VS = 6 V to 36 V, TJ = –40°C to +125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tDR
CH1 and CH2 Turnon delay time
VS = 24 V, RL = 48 Ω 50% of EN to
10% of VOUT
5
18
25
µs
tDF
CH1 and CH2 Turnoff delay time
VS = 24 V, RL = 48 Ω 50% of EN to
90% of VOUT
16
24
33
µs
SR2R
VOUTx rising slew rate
VS = 24 V, 25% to 75% of VOUT,
RL = 48 Ω,
1
1.6
2.2
V/µs
SR2F
VOUTx falling slew rate
VS = 24 V, 75% to 25% of VOUT,
RL = 48 Ω,
1
1.4
1.8
V/µs
fmax
Maximum PWM frequency
1
kHz
tON
CHx Turnon time
VS = 24 V, RL = 48 Ω 50% of EN to
90% of VOUT
33
42
µs
tOFF
CHx Turnoff time
VS = 24 V, RL = 48 Ω 50% of EN to
10% of VOUT
46
57
µs
tON - tOFF
CHx Turnon and off matching
1ms ON time switch enable
pulse VBB = 24 V, RL = 48 Ω
–41
–7
23
µs
tON - tOFF
CHx Turnon and off matching
100-µs OFF time switch enable
pulse, VS = 24 V, RL = 48 Ω, F = fmax
–41
–7
23
µs
tON - tOFF
CHxTurnon and off matching
100-µs ON time switch enable
pulse, VS = 24 V, RL = 48 Ω, F = fmax
–41
–7
23
µs
ΔPWM
CHx PWM accuracy - average load
current
200-µs enable pulse, VS = 24 V, RL =
48 Ω
F = fmax
–20
20
%
7.7 SPI Timing Requirements
Over operating junction temperature TJ = –40°C to 125°C and operating VVS = 2.3 to 36 V (unless otherwise noted).
MIN
NOM
MAX
UNIT
tSPI
SPI clock (SCLK) period
CSDO = 30 pF;
100
ns
thigh
High time: SCLK logic high-time duration
45
ns
tlow
Low time: SCLK logic low-time duration
45
ns
tsucs
NCS setup time: Time delay between falling edge of NCS and rising edge of SCLK
45
ns
tsu_SDI
SDI setup time: Setup time of SDI before the falling edge of SCLK
15
ns
th_SDI
SDI hold time: Hold time of SDI before the falling edge of SCLK
30
ns
td_SDO
Delay time: Time delay from rising edge of SCLK to data valid at SDO
30
ns
thcs
Hold time: Time between the falling edge of SCLK and rising edge of NCS
45
ns
tdis_cs
nCS disable time, nCS high to SDO high impedance
10
ns
thics
SPI transfer inactive time (time between two transfers) during which NCS must remain
high
500
ns
www.ti.com
TPS274C65
SLVSFZ2B – APRIL 2023 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS274C65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com