Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS274C65AS Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS274C65AS
Description  TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS274C65AS Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS274C65AS Datasheet HTML 17Page - Texas Instruments TPS274C65AS Datasheet HTML 18Page - Texas Instruments TPS274C65AS Datasheet HTML 19Page - Texas Instruments TPS274C65AS Datasheet HTML 20Page - Texas Instruments TPS274C65AS Datasheet HTML 21Page - Texas Instruments TPS274C65AS Datasheet HTML 22Page - Texas Instruments TPS274C65AS Datasheet HTML 23Page - Texas Instruments TPS274C65AS Datasheet HTML 24Page - Texas Instruments TPS274C65AS Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 87 page
background image
Table 9-2. SPI Configuration
Pin Configuration
SPI Register Configuration
SCLK Cycle per Frame
DSPI
D24BIT
CRC_EN
0
x
0
24 bits, no CRC
x
1
32 bits, with CRC
1
0
0
16 bits, no CRC
1
1
24 bits, with CRC
1
0
24 bits, no CRC
SPI Sequence Frame Format
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CS
CLK
SDI
X
Don’t Care
Register Address
DATA OUT
FAULT STATUS TYPE
17
18
19
20
21
22
23
24
A2
A1
A0
R(0)
CH4
CH3
CH2
CH1
RSVD
RA6
RA5
RA4
RA3
RA2
RA1
RA0
0
0
0
0
0
0
0
0
Hi-Z
Hi-Z
Hi-Z
SPIErr
A2
A1
A0
X
F7
F6
F5
F4
F3
F2
F1
F0
D7
D6
D5
D4
D3
D2
D1
D0
SDO
Chip Address
Chip Address
SW STATE
Rd
Err
Hi-Z
X
Figure 9-7. 24-bit Read, DSPI=0, D24BIT=x, CRC_EN=0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CS
CLK
SDI
X
DATA IN
Register Address
Per Channel FAULT
FAULT STATUS TYPE
17
18
19
20
21
22
23
24
A2
A1
A0
W(1)
CH4
CH3
CH2
CH1
RSVD
RA6
RA5
RA4
RA3
RA2
RA1
RA0
D7
D6
D5
D4
D3
D2
D1
D0
Hi-Z
Hi-Z
Hi-Z
SpiErr
A2
A1
A0
X
F7
F6
F5
F4
F3
F2
F1
F0
RSVD
RSVD
RSVD
RSVD
CH4
CH3
CH2
CH1
SDO
Chip Address
SW STATE
Wr
Chip Address
Err
Hi-Z
X
Figure 9-8. 24-bit Write, DSPI=0, D24BIT=x, CRC_EN=0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CS
CLK
SDI
X
CRC BYTE
Don’t Care
CRC BYTE
DATA OUT
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
A1
A2
A0
R(0)
CH4
CH3
CH2
CH1
RSVD
RA6
RA5
RA4
RA3
RA2
RA1
RA0
X
X
X
X
X
X
X
X
0
0
0
0
CRC3
CRC2
CRC1
CRC0
Hi-Z
Hi-Z
Hi-Z
SpiErr
A2
A1
A0
X
F7
F6
F5
F4
F3
F2
F1
F0
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
CRC3
CRC2
CRC1
CRC0
SDO
FAULT STAUS TYPE
Register Address
Chip Address
HI-Z
SW STATE
Rd
Chip Address
Err
x
Figure 9-9. 32-bit Read, DSPI=0, D24BIT=x, CRC_EN=1
www.ti.com
TPS274C65
SLVSFZ2B – APRIL 2023 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS274C65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com