Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS274C65AS Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS274C65AS
Description  TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS274C65AS Datasheet(HTML) 2 Page - Texas Instruments

  TPS274C65AS Datasheet HTML 1Page - Texas Instruments TPS274C65AS Datasheet HTML 2Page - Texas Instruments TPS274C65AS Datasheet HTML 3Page - Texas Instruments TPS274C65AS Datasheet HTML 4Page - Texas Instruments TPS274C65AS Datasheet HTML 5Page - Texas Instruments TPS274C65AS Datasheet HTML 6Page - Texas Instruments TPS274C65AS Datasheet HTML 7Page - Texas Instruments TPS274C65AS Datasheet HTML 8Page - Texas Instruments TPS274C65AS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 87 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................4
6.1 Pinout - Version AS & BS............................................5
7 Specifications.................................................................. 7
7.1 Absolute Maximum Ratings........................................ 7
7.2 ESD Ratings............................................................... 7
7.3 Recommended Operating Conditions.........................7
7.4 Thermal Information....................................................8
7.5 Electrical Characteristics.............................................8
7.6 Switching Characteristics..........................................13
7.7 SPI Timing Requirements......................................... 13
7.8 Typical Characteristics.............................................. 14
8 Parameter Measurement Information.......................... 15
9 Detailed Description......................................................16
9.1 Overview................................................................... 16
9.2 Functional Block Diagram......................................... 16
9.3 Feature Description...................................................17
9.4 Device Functional Modes..........................................45
9.5 TPS274C65BS Available Registers List................... 45
9.6 TPS274C65 Registers.............................................. 48
10 Application and Implementation................................ 72
10.1 Application Information........................................... 72
10.2 Typical Application.................................................. 72
10.3 Power Supply Recommendations...........................75
10.4 Layout..................................................................... 75
11 Device and Documentation Support..........................77
11.1 Receiving Notification of Documentation Updates.. 77
11.2 Support Resources................................................. 77
11.3 Trademarks............................................................. 77
11.4 Electrostatic Discharge Caution.............................. 77
11.5 Glossary.................................................................. 77
12 Mechanical, Packaging, and Orderable
Information.................................................................... 78
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (October 2023) to Revision B (October 2023)
Page
• Changed VS and VOUT pins HBM ESD levels from 4 kV to 2 kV......................................................................7
Changes from Revision * (April 2023) to Revision A (October 2023)
Page
• Changed document status from Advance Information to Production Data.........................................................1
TPS274C65
SLVSFZ2B – APRIL 2023 – REVISED OCTOBER 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS274C65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com