Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD5954 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CD5954
Description  Four-channel current feedback excitation drive circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CD5954 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CD5954 Datasheet HTML 1Page - List of Unclassifed Manufacturers CD5954 Datasheet HTML 2Page - List of Unclassifed Manufacturers CD5954 Datasheet HTML 3Page - List of Unclassifed Manufacturers CD5954 Datasheet HTML 4Page - List of Unclassifed Manufacturers CD5954 Datasheet HTML 5Page - List of Unclassifed Manufacturers CD5954 Datasheet HTML 6Page - List of Unclassifed Manufacturers CD5954 Datasheet HTML 7Page - List of Unclassifed Manufacturers CD5954 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
华晶双极电路
CD5954CB
四通道电流反馈式激励驱动电路
无锡华润华晶微电子有限公司
地址 江苏省无锡市梁溪路 14 号
电话 0510-5807123-5506
传真 0510-5807123-3093
邮编 214061
网址 http://www. crhj.com.cn
电邮 apply@crhj.com.cn
第 1 页 共 8 页
1. 概述与特点
CD5954 是一块四通道电流反馈式激励和马达驱动电路 电路内含 2 个激励驱动器和 2 个马达驱
动器 因为采用了电流反馈方式 由负载电感引起的相位延迟得到改善 该电路最适用于 CD-ROM
DVD 等高速驱动场合
其特点如下
动态范围大 V
OM = 4.0V
VCC = 12V PVCC1= PVCC2=5V RL = 8
内含过热保护电路
待机功能
外形封装 HSOP28
2. 功能框图与引脚说明
2. 1 功能框图
主轴马达
驱动器
循迹激励
聚焦激励
进给马达
驱动器
驱动器
驱动器
待机
热保护
检测放大
检测放大
1234
567
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
Vcc
PVcc1
PVcc2
PGND
PreGND
PGND
PVcc1
PVcc2
Vcc
10k
20k
7.5k
7.5k
10k
15k
25k
10k
7.5k
7.5k
20k
10k
2
2


Similar Part No. - CD5954

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CD5908 MICROSEMI-CD5908 Datasheet
123Kb / 2P
Transient suppressor CELLULAR DIE PACKAGE
CD5908 MICROSEMI-CD5908 Datasheet
134Kb / 2P
CELLULAR DIE PACKAGE
CD5908A MICROSEMI-CD5908A Datasheet
134Kb / 2P
CELLULAR DIE PACKAGE
CD5908C MICROSEMI-CD5908C Datasheet
134Kb / 2P
CELLULAR DIE PACKAGE
CD5908CA MICROSEMI-CD5908CA Datasheet
134Kb / 2P
CELLULAR DIE PACKAGE
More results

Similar Description - CD5954

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2008B TEMIC-U2008B Datasheet
122Kb / 10P
Low Cost Current Feedback Phase Control Circuit
U2010B TEMIC-U2010B Datasheet
202Kb / 12P
Phase Control Circuit for Current Feedback
U210B TEMIC-U210B Datasheet
378Kb / 15P
Phase Control Circuit - Load Current Feedback Applications
logo
Integral Corp.
IL2010B INTEGRAL-IL2010B Datasheet
274Kb / 7P
PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
logo
TEMIC Semiconductors
U210B1 TEMIC-U210B1 Datasheet
166Kb / 12P
Phase Control Circuit Load Current Feedback Applications
logo
Inchange Semiconductor ...
STK73902 ISC-STK73902 Datasheet
128Kb / 3P
Self-excitation Type Feedback Control Switching Regulator
logo
Sanyo Semicon Device
EN5228-D SANYO-EN5228-D Datasheet
205Kb / 19P
Unipolar Constant-current Chopper (external excitation PWM) Circuit
EN7441-D SANYO-EN7441-D Datasheet
196Kb / 19P
Unipolar Constant-current Chopper (external excitation PWM) Circuit
logo
National Instruments Co...
NISCXI-1581 NI-NISCXI-1581 Datasheet
41Kb / 2P
SCXI 32-Channel Current Excitation Module
logo
ARTSCHIP ELECTRONICS CO...
U2010B ARTSCHIP-U2010B Datasheet
3Mb / 11P
Phase Control Circuit for Current Feedback
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com