Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD5954 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CD5954
Description  Four-channel current feedback excitation drive circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CD5954 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CD5954 Datasheet HTML 1Page - List of Unclassifed Manufacturers CD5954 Datasheet HTML 2Page - List of Unclassifed Manufacturers CD5954 Datasheet HTML 3Page - List of Unclassifed Manufacturers CD5954 Datasheet HTML 4Page - List of Unclassifed Manufacturers CD5954 Datasheet HTML 5Page - List of Unclassifed Manufacturers CD5954 Datasheet HTML 6Page - List of Unclassifed Manufacturers CD5954 Datasheet HTML 7Page - List of Unclassifed Manufacturers CD5954 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
华晶双极电路
CD5954CB
续上表
规 范 值
参 数 名 称
符 号
测 试 条 件
最小
典型
最大
单 位
低电平输出电
压
VOLOP
0.1
0.3
V
最大输出源电
流
ISO
0.3
0.5
mA
最大输出灌电
流
ISI
1
mA
输出失调电压
VOOFSL
-100
0
100
mV
最大输出幅度
VOMSL
7.5
9.0
V
闭环电压增益
AVSL
VIN= 0.2V
18.0
20.0
22.0
dB
主轴马达驱动器
失调电压
VOOFLD
-50
0
50
mV
最大输出幅度
VOMLD
3.6
4.0
V
电压增益
AVLD
VIN=BIAS 0.2V
13.5
15.5
17.5
dB
F R 增益差
AVLD
VIN=BIAS 0.2V
0
1
2
dB
待机控制
待机工作电流
IST
0.5
mA
待机工作电压
VSTON
0
0.5
V
待机关断电压
VSTOFF
2.0
V
无锡华润华晶微电子有限公司
第 4 页 共 8 页



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com