Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OZ960 Datasheet(PDF) 3 Page - O2Micro International Limited.

Part # OZ960
Description  Intelligent CCFL Inverter Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  O2MICRO [O2Micro International Limited.]
Direct Link  http://www.o2micro.com/
Logo O2MICRO - O2Micro International Limited.

OZ960 Datasheet(HTML) 3 Page - O2Micro International Limited.

  OZ960 Datasheet HTML 1Page - O2Micro International Limited. OZ960 Datasheet HTML 2Page - O2Micro International Limited. OZ960 Datasheet HTML 3Page - O2Micro International Limited. OZ960 Datasheet HTML 4Page - O2Micro International Limited. OZ960 Datasheet HTML 5Page - O2Micro International Limited. OZ960 Datasheet HTML 6Page - O2Micro International Limited. OZ960 Datasheet HTML 7Page - O2Micro International Limited. OZ960 Datasheet HTML 8Page - O2Micro International Limited. OZ960 Datasheet HTML 9Page - O2Micro International Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
OZ960
OZ960-DS-1.6
Page 3
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CTIMR
OVP
ENA
SST
VDDA
GNDA
REF
RT1
FB
CMP
NDR_B
PDR_A
CT
RT
PGND
LCT
DIM
LPWM
PDR_C
NDR_D
Protection
NDR_B
PDR_A
ZVS
Phase-Shift
Controller
HF
OSC
PDR_C
NDR_D
Burst-
Mode
Control
OVP
ENA
hys.
COMP
hys.
COMP
+
-
+
-
Reference
OPLAMP
-
+
EA
-
+
Ignition
1.25V
2.75V
2.50V
POFF
POFF
I=3uA
I=6uA
Soft
Start
ACTIVE
"HIGH"
Figure 2. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com