Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OZ960 Datasheet(PDF) 7 Page - O2Micro International Limited.

Part # OZ960
Description  Intelligent CCFL Inverter Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  O2MICRO [O2Micro International Limited.]
Direct Link  http://www.o2micro.com/
Logo O2MICRO - O2Micro International Limited.

OZ960 Datasheet(HTML) 7 Page - O2Micro International Limited.

Back Button OZ960 Datasheet HTML 3Page - O2Micro International Limited. OZ960 Datasheet HTML 4Page - O2Micro International Limited. OZ960 Datasheet HTML 5Page - O2Micro International Limited. OZ960 Datasheet HTML 6Page - O2Micro International Limited. OZ960 Datasheet HTML 7Page - O2Micro International Limited. OZ960 Datasheet HTML 8Page - O2Micro International Limited. OZ960 Datasheet HTML 9Page - O2Micro International Limited. OZ960 Datasheet HTML 10Page - O2Micro International Limited. OZ960 Datasheet HTML 11Page - O2Micro International Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
OZ960
OZ960-DS-1.6
Page 7
FUNCTIONAL INFORMATION
1. Steady-State Operation
Refer to the schematic shown in Figure 1, the
OZ960 drives a full-bridge power train where the
transformer couples the energy from the power
source
to
the
secondary
CCFL load. The
switches in the bridge denoted as QA, QB, QC
and QD are configured such that QA and QB, QC
and QD are turned on complementarily. The
duration of QA and QD, QB and QC turn on
simultaneously determines an amount of energy
put into the transformer which in turn delivers to
the CCFL. The current in CCFL is sensed via
resistor R9 and regulated through the adjustment
of the turn-on time for both diagonal switches.
This is accomplished through an error amplifier in
the current feedback loop. A voltage loop is also
established to monitor the output voltage so that
a programmable striking voltage is achieved. The
OVP represents the peak-detect signal of the
voltage on the output of the transformer. A soft-
start circuit ensures a gradual increase in the
input and output power. The soft-start capacitor
determines the rate of rise of the voltage on SST
pin where the voltage level determines the on-
time duration of QA and QD, QB and QC
diagonal switches. This minimizes the surge
impacts in circuit designs.
Apply enable signal to the ENA pin of the IC after
the bias voltage applied to VDDA initiates the
operation of the circuit. The output drives, include
PDR_A, NDR_B, PDR_C and NDR_D put out a
complementary square pulse. The frequency is
determined by R4 and C5 where they are
connected to RT and CT pins respectively.
Initially, the energy converted from the power
source to the CCFL is low due to the soft start
function. It increases as soft start capacitor
voltage increases linearly with time. The voltage
at the secondary side of the transformer T1
increases
correspondingly.
This
process
continues until the CCFL current is detected and
reaches a regulated value. The output of the
error amplifier, CMP, follows the feedback signal,
commands a proper switching among the four
output drives to maintain current regulation. The
operations of the four switches are implemented
with zero-voltage-switching to provide a high-
efficiency power conversion.
In the case of open-lamp condition, the OZ960
provides
a
programmable
striking-frequency
intelligence to optimize the ignition scheme. This
is implemented through resistor R5. Effectively,
R5 is in parallel with R4 to yield a required
striking frequency. In addition, the striking time is
also programmable through the capacitor C8.
Striking voltage, or the open-lamp voltage, is
regulated through a voltage feedback loop where
output voltage is monitored. The signal, being
sent to the OVP pin, commands the output drives
to provide the desired output voltage. This design
provides
high
degree
of
flexibility
while
maintaining
OZ960
a
very
high
integration
device.
One protection feature needed is removing the
lamp
during
normal
operation.
The
OZ960
senses the missing current signal through current
amplifier, it shuts off the output drives and stay in
the
latched
mode.
This
is
differentiated
intelligently with turning on the inverter while
CCFL is not connected. Recycle of the IC power
is necessary to resume normal operation.
Dimming control: dimming control of the inverter
is implemented by adjusting the amount of
energy processed and delivered to the CCFL. A
PWM burst-mode scheme is internally generated
which provides 0% to 100% wide dimming
control. An input analog voltage signal is fed into
DIM pin and determines the dimming level of the
CCFL.
The
burst-mode
frequency
is
programmable through a capacitor C10 as shown
in the schematic.
The OZ960 inverter operates in a constant
frequency mode. This eliminates any undesired
interference between inverter and LCD panels
where the interference is usually associated with
variable-frequency designs.
Symmetrical drive to the power transformer gives
a very dynamic choice of selecting transformers.
This vulnerable design offers flexibility to the
system designers to choose transformer sources.
There is no limitation to the gap-less transformer.
2. CCFL Ignition Time
Ignition time for CCFLs varies with CCFL length,
diameter, module package and temperature. The
OZ960 provides a flexible design where a
capacitor is connected to CTIMR pin to determine
the necessary striking time. An approximate of
the timing calculation is:
T[second] = C[uF]
This capacitor remains reset at no charge if lamp
is connected and at normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com