Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OZ960 Datasheet(PDF) 9 Page - O2Micro International Limited.

Part # OZ960
Description  Intelligent CCFL Inverter Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  O2MICRO [O2Micro International Limited.]
Direct Link  http://www.o2micro.com/
Logo O2MICRO - O2Micro International Limited.

OZ960 Datasheet(HTML) 9 Page - O2Micro International Limited.

Back Button OZ960 Datasheet HTML 4Page - O2Micro International Limited. OZ960 Datasheet HTML 5Page - O2Micro International Limited. OZ960 Datasheet HTML 6Page - O2Micro International Limited. OZ960 Datasheet HTML 7Page - O2Micro International Limited. OZ960 Datasheet HTML 8Page - O2Micro International Limited. OZ960 Datasheet HTML 9Page - O2Micro International Limited. OZ960 Datasheet HTML 10Page - O2Micro International Limited. OZ960 Datasheet HTML 11Page - O2Micro International Limited. OZ960 Datasheet HTML 12Page - O2Micro International Limited.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
OZ960
OZ960-DS-1.6
Page 9
PACKAGE INFORMATION (SSOP 150mil)
θ2
θ
L
R
R1
Detail A
Gauge Plane
θ1
E1
E
D
e
B
1
c
Detail A
ZD
C
0.10MM
SEATING PLANE
A2
NOTES:
DIMENSION D DOES NOT INCLUDE MOLD PROTRUSIONS OR GATE BURRS
MOLD PROTRUSIONS AND GATE BURRS SHALL NOT EXCEED 0.006 INCH PER SIDE
DIM
MILLIMETERS
INCHES
MIN
NOM
MAX
MIN
NOM
MAX
A
1.35
1.63
1.75
0.053
0.064
0.069
A1
0.10
0.15
0.25
0.004
0.006
0.010
A2
1.50
0.059
B
0.20
0.30
0.008
0.012
c
0.18
0.25
0.007
0.010
e
0.635 BASIC
0.025 BASIC
D
8.56
8.66
8.74
0.337
0.341
0.344
E
5.79
5.99
6.20
0.228
0.236
0.244
E1
3.81
3.91
3.99
0.150
0.154
0.157
L
0.41
0.635
1.27
0.016
0.025
0.050
h
0.25
0.50
0.010
0.020
ZD
1.4732 REF
0.058 REF
R1
0.20
0.33
0.008
0.013
R
0.20
0.008
θ
0
°
8
°
0
°
8
°
θ1
0
°
0
°
θ2
5
°
10
°
15
°
5
°
10
°
15
°
JEDEC
MO-137 (AD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com