Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OZ960 Datasheet(PDF) 10 Page - O2Micro International Limited.

Part # OZ960
Description  Intelligent CCFL Inverter Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  O2MICRO [O2Micro International Limited.]
Direct Link  http://www.o2micro.com/
Logo O2MICRO - O2Micro International Limited.

OZ960 Datasheet(HTML) 10 Page - O2Micro International Limited.

Back Button OZ960 Datasheet HTML 4Page - O2Micro International Limited. OZ960 Datasheet HTML 5Page - O2Micro International Limited. OZ960 Datasheet HTML 6Page - O2Micro International Limited. OZ960 Datasheet HTML 7Page - O2Micro International Limited. OZ960 Datasheet HTML 8Page - O2Micro International Limited. OZ960 Datasheet HTML 9Page - O2Micro International Limited. OZ960 Datasheet HTML 10Page - O2Micro International Limited. OZ960 Datasheet HTML 11Page - O2Micro International Limited. OZ960 Datasheet HTML 12Page - O2Micro International Limited.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
OZ960
OZ960-DS-1.6
Page 10
PACKAGE INFORMATION (SOP 300mil)
1
c
D e ta il X
D
SE AT I N G PL AN E
NO T E S :
1 . RE F E R T O J E DE C S T D. M S - 0 1 3 A C.
2 . DI M E NS I O NS " D " DO S E NO T I NCL UDE M O L D F L A S H, P RO T RUS I O NS O R G A T E BUR RS . M O L D
F L A S H, P RO T RUS I O NS A ND G A T E BURRS S HA L L NO T E X CE E D 0 . 1 5 m m ( 6 m i l ) P E R S I DE .
3 . DI M E NS I O NS " E " DO S E NO T I NCL UDE I NT E RL E A D F L A S H O R P RO T URS I O NS . I NT E R- L E A D
F L A S H A ND P RO T RUS I O NS S HA L L NO T E X CE E D 0 . 2 5 m m ( 1 0 m i l ) P E R S I DE .
4 . CO NT RO L L I NG DI M E NS I O N: M I L L I M E T E R
E
H
10
20
11
e
b
Y
SYMBOL
MM
MIL
MIN
NOM
MAX
MIN
NOM
MAX
A
2.36
2.54
2.64
93
100
104
A1
0.10
0.20
0.30
4
8
12
b
0.35
0.406
0.48
14
16
19
c
0.23
0.254
0.31
9
10
12
D
12.60
12.80
13.00
496
504
512
E
7.40
7.50
7.60
291
295
299
e
1.27 BSC
50 BSC
H
10.00
10.31
10.65
394
406
419
h
0.25
0.66
0.75
10
26
30
L
0.51
0.76
1.02
20
30
40
Y
0.075
3
θ
0
°
8
°
0
°
8
°
h x 45
O
θ
L
DETAIL "X"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com