Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA9742E8A Datasheet(PDF) 2 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA9742E8A
Description  3 A Switching Charger, 2.4 A Boost and 3 LED indicators for battery level, charge/discharge status in One ESOP8 with S ingle Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA9742E8A Datasheet(HTML) 2 Page - ETA SOLUTIONS CO. LIMITED

  ETA9742E8A Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA9742E8A Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA9742E8A Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA9742E8A Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA9742E8A Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ETA9742
www.etasolution.com
2
Powering Minds of the Smart
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
(Note: Exceeding these limits maydamage the device. Exposure to absolute maximum
rating conditions for long periods may affect device reliability.)
OUT, SW Voltage ..........................................................–0.3V to 6V
All Other Pin Voltage ..................................................–0.3V to 6V
SW to ground current……………………..…………...Internally limited
Operating Temperature Range …………………....…–40°C to 85°C
Storage Temperature Range ……..……….………….–55°C to 150°C
Thermal Resistance
JA
Jc
ESOP8 …………………………………………...10……………50............ °C/W
Lead Temperature (Soldering, 10ssec) ……………………….260°C
ESD HBM (Human Body Mode) …………….………………..………….2KV
ESD MM (Machine Mode) ……………………..………………………….200V
ELECTRICAL CHACRACTERISTICS
(VIN = 5V, unless otherwise specified. Typical values are at TA = 25oC.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
BUCK MODE
USB Range
4.5
5.5
V
USB UVLO Voltage
Rising, Hys=500mV
4.5
V
USB Operating Current as BUCK
Switcher Enable, Switching
5
mA
Switcher Enable, No Switching
800
μA
BATTERY CHARGER
Battery CV Voltage
IBAT =0mA, default
4.17
4.21
4.25
V
Charger Restart Threshold
From DONE to Fast Charge
-160
mV
Battery Pre-Condition Voltage
VBATRising Hys=250mV
2.8
V
Pre-Condition Charge Current
200
mA
Fast Charge Current
Riset=56K
3
A
Riset=91K
2
A
Charge Termination Current
200
mA
Charge Termination Blanking time
16
S
BOOST MODE
BATT Ok Threshold
Rising, HYS=0.4 V
3.2
V
Output Voltage Range
Iout=0
5.05
5.1
5.15
V
Quiescent Current At BATT
Vbat=3.6V
80
μA
Switching Frequency
VIN<4.3V
550
650
750
KHz
Inductor Peak Current Limit
5.0
A
Maximum Duty Cycle
90
%
High side Pmos Rdson
ISW =500mA
75
mΩ
深圳市展嵘电子 电话:0755-23503822  13682489879  15914002706  15018547559 13725584377 15814045018 13570836856
QQ:3065595854 2657844277 2515156676 1303729348 1494165259 3382244500



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com