Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA9742E8A Datasheet(PDF) 4 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA9742E8A
Description  3 A Switching Charger, 2.4 A Boost and 3 LED indicators for battery level, charge/discharge status in One ESOP8 with S ingle Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA9742E8A Datasheet(HTML) 4 Page - ETA SOLUTIONS CO. LIMITED

  ETA9742E8A Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA9742E8A Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA9742E8A Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA9742E8A Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA9742E8A Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ETA9742
www.etasolution.com
4
Powering Minds of the Smart
In BOOST MODE
APPLICATION SUPPORT
Please contact local distributor or ETA sales representatives for technical support.
PCB GUIDELINES
0
0.5
1
1.5
2
2.5
0
1
2
3
4
5
6
Iout (A)
Vout Vs. Iout
Vin=3.3V
Vin=3.6V
Vin=4.0V
Vin=4.35V
0
0.5
1
1.5
2
2.5
70%
75%
80%
85%
90%
95%
100%
Iout (A)
Efficiency Vs. Iout
Vin=3.3V
Vin=3.6V
Vin=4.0V
Vin=4.35V
Cin,
Input capacitor,
Next to inductor
and Cout
L,
Inductor
Next to IC pins
USB
V+
PGND
USB V+
PCB wire
PCB solder
Device
Cout,
Output capacitors
Next to IC pins
BAT
PCB Via
PCB bottom wire
Cbat,
Next to IC pins
Connect to AGND
Cusb,
Next to IC pins,
Connect to AGND
Please have CIN, COUT, and L placed just next to the IC pins so that the power traces are kept to the shortest to achieve
a good performance of ETA9742 and good EMI.
Have CBAT and CUSB placed close to the IC pins and connected to AGND to ensure a clean AGND.
深圳市展嵘电子 电话:0755-23503822  13682489879  15914002706  15018547559 13725584377 15814045018 13570836856
QQ:3065595854 2657844277 2515156676 1303729348 1494165259 3382244500



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com