Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA9742E8A Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA9742E8A
Description  3 A Switching Charger, 2.4 A Boost and 3 LED indicators for battery level, charge/discharge status in One ESOP8 with S ingle Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA9742E8A Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA9742E8A Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA9742E8A Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA9742E8A Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA9742E8A Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA9742E8A Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ETA9742
www.etasolution.com
1
Powering Minds of the Smart
3A Switching Charger, 2.4A Boost and 3 LED-indicators for battery level,
charge/discharge status in One ESOP8 with Single Inductor
DESCRIPTION
FEATURES
ETA9742 is a switching Li-Ion battery charger capable of
delivering up to 3A of charging current to the battery and also
capable of delivering up to 5V/2.4A in boost operation, with high
efficiency in both charging mode and boost mode. It also includes
a fuel gauge system for power indication. For charging, it uses a
proprietary control scheme that eliminates the current sense
resistor for conventional constant current control, maximizing
efficiency, reducing charging time and reducing costs. It can also
output a 5V voltage in the reversed direction by boosting from
the battery. It only needs a single inductor to provide power bi-
directionally with a proprietary automatic mode detect and
switch scheme. ETA9742 is an ideal all-in-one solution for battery
charging and discharge applications, such as power banks, smart
phones, and tablets with only one USB port that can be used for
charging battery function.
ETA9742 is suitable for charging a 4.2V Li-ion battery. And
ETA9742 is in ESOP8 package.
 Bi-Directional Power conversion with Single
Inductor
 Automatic Mode Switching
 Switching Charger
 5V Synchronous Boost
 Up to 96% Efficiency
 Up to 3A Max charging current and 2.4A
discharging
 No-Battery detection
 No External Sense resistor
 LEDs for battery level indication and
charge/discharge status indication
APPLICATIONS
 Tablet, MID
 Smart Phone
 Power Bank
TYPICAL APPLICATION
ORDERING INFORMATION
PART No.
PACKAGE
TOP MARK
Pcs/Reel
ETA9742E8A
ESOP8
ETA9742
2500
深圳市展嵘电子 电话:0755-23503822  13682489879  15914002706  15018547559 13725584377 15814045018 13570836856
QQ:3065595854 2657844277 2515156676 1303729348 1494165259 3382244500


Similar Part No. - ETA9742E8A

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA9740 ETA-ETA9740 Datasheet
613Kb / 5P
3 A Switching Charger, 2.4 A Boost and Fuel Gauge in One ESOP8 with S ingle Inductor
ETA9740E8A ETA-ETA9740E8A Datasheet
613Kb / 5P
3 A Switching Charger, 2.4 A Boost and Fuel Gauge in One ESOP8 with S ingle Inductor
ETA9741 ETA-ETA9741 Datasheet
712Kb / 3P
2A Switching Charger, 2.4A Boost and Fuel Gauge with Single Inductor
ETA9741E8A ETA-ETA9741E8A Datasheet
712Kb / 3P
2A Switching Charger, 2.4A Boost and Fuel Gauge with Single Inductor
More results

Similar Description - ETA9742E8A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL6297SDPBF IRF-IRL6297SDPBF_15 Datasheet
266Kb / 9P
Charge and Discharge Switch for Battery Application
IRLHS2242PBF IRF-IRLHS2242PBF_15 Datasheet
270Kb / 9P
Charge and Discharge Switch for Battery Application
logo
Monolithic Power System...
MP2632 MPS-MP2632 Datasheet
2Mb / 37P
All-in-One, 3A Battery Charger with 3A Boost Current
MP2690 MPS-MP2690 Datasheet
2Mb / 37P
All-in-One, 2.5A Battery Charger with 2.1A Boost Current
logo
Renesas Technology Corp
ISL88732 RENESAS-ISL88732 Datasheet
203Kb / 2P
SMBus Level 2 Battery Charger with Boost Mode
logo
Billiton Ltd.
TP5602 ASIC-TP5602 Datasheet
1Mb / 22P
LIthIum-battery lIthIum-synchronous type 3 A lithium battery charge
logo
Shenzhen Huazhimei Semi...
HM5907 HMSEMI-HM5907 Datasheet
998Kb / 5P
3A Switching Charger, 2.4A Boost and Fuel Gauge in One ESOP8 with Single Inductor
HM5907B HMSEMI-HM5907B Datasheet
763Kb / 5P
3A Switching Charger, 2.4A Boost and 3 LED-indicators for battery level,
HM5909 HMSEMI-HM5909 Datasheet
874Kb / 5P
1.2A Switching Charger and 1.2A Boost in One Sot23-5 with Single Inductor
logo
ETA SOLUTIONS CO. LIMIT...
ETA9740 ETA-ETA9740 Datasheet
613Kb / 5P
3 A Switching Charger, 2.4 A Boost and Fuel Gauge in One ESOP8 with S ingle Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com