Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA9742E8A Datasheet(PDF) 3 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA9742E8A
Description  3 A Switching Charger, 2.4 A Boost and 3 LED indicators for battery level, charge/discharge status in One ESOP8 with S ingle Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA9742E8A Datasheet(HTML) 3 Page - ETA SOLUTIONS CO. LIMITED

  ETA9742E8A Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA9742E8A Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA9742E8A Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA9742E8A Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA9742E8A Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ETA9742
www.etasolution.com
3
Powering Minds of the Smart
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Low side Nmos Rdson
ISW =500mA
70
mΩ
Short Circuit Hiccup Current
3.8
A
Short Circuit Hiccup Timer
On Time
45
ms
Off Time
2000
Charging Thermal Regulation threshold
85
oC
Thermal Shutdown
Rising, Hys=20oC
150
oC
PIN DESCRIPTION
PIN #
NAME
DESCRIPTION
1
SW
Inductor Connection. Connect an inductor Between SW and the regulator output
2
LED
Battery level indication LED connection pin.
3
STAT
Charge status indication. When charging, the STAT is pulled low. When charge is completed the
STAT is in high impedance state.
4
BST
Boost status indication. BST is pulled low when boost, pulled high when charging, and in high
impedance if entering into no load condition.
5
ISET
Buck Charging current setting pin. Connect a resistor between this pin and analog ground to
set the current level.
6
BAT
Battery pin. Connect a Battery to this pin, and with a bypass capacitor 10uF.
7
OUT
Output pin. Bypass with a 22uF or larger ceramic capacitor closely between this pin and GND
8
PGND
Power Ground Pin
9 / Exposed Pad
AGND
Analog Ground Pin
TYPICAL CHARACTERISTICS
(Vin=5V, TA=250C, unless otherwise specified)
In CHARGE MODE, Efficiency Vs Vbat at 2.1A and 3A charge current
3
3.2
3.4
3.6
3.8
4
4.2
90%
91%
92%
93%
94%
95%
96%
97%
98%
99%
100%
Vbat (V)
VIN=5V,ICHARG=2.1A
3
3.2
3.4
3.6
3.8
4
4.2
88%
90%
92%
94%
96%
98%
100%
Vbat (V)
VIN=5V,ICHARG=3A
深圳市展嵘电子 电话:0755-23503822  13682489879  15914002706  15018547559 13725584377 15814045018 13570836856
QQ:3065595854 2657844277 2515156676 1303729348 1494165259 3382244500



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com