Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THGAMRG7T13BAIL Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # THGAMRG7T13BAIL
Description  16GB THGAMRG7T13BAIL
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THGAMRG7T13BAIL Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button THGAMRG7T13BAIL Datasheet HTML 4Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 5Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 6Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 7Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 8Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 9Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 10Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 11Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
THGAMRG7T13BAIL
8
February 14th, 2019
© 2019 Toshiba Memory Corporation
CSD-slice
Name
Field
Size
(Bytes)
Cell Type
Value
[240]
Cache Flushing Policy
CACHE_FLUSH_POLICY
1
R
0x01
[239]
Power class for 52MHz, DDR at 3.6V
PWR_CL_DDR_52_360
1
R
0x00
[238]
Power class for 52MHz, DDR at 1.95V
PWR_CL_DDR_52_195
1
R
0x00
[237]
Power class for 200MHz,
at VCCQ =1.95V, VCC = 3.6V
PWR_CL_200_195
1
R
0x00
[236]
Power class for 200MHz,
at VCCQ=1.3V, VCC = 3.6V
PWR_CL_200_130
1
R
0x00
[235]
Minimum Write Performance for 8bit
at 52MHz in DDR mode
MIN_PERF_DDR_W_8_52
1
R
0x00
[234]
Minimum Read Performance for 8bit
at 52MHz in DDR mode
MIN_PERF_DDR_R_8_52
1
R
0x00
[233]
Reserved
-
1
-
0x00
[232]
TRIM Multiplier
TRIM_MULT
1
R
0x11
[231]
Secure Feature support
SEC_FEATURE_SUPPORT
1
R
0x55
[230]
Secure Erase Multiplier
SEC_ERASE_MULT
1
R
0xF7
[229]
Secure TRIM Multiplier
SEC_TRIM_MULT
1
R
0xF7
[228]
Boot information
BOOT_INFO
1
R
0x07
[227]
Reserved
-
1
R
0x00
[226]
Boot partition size
BOOT_SIZE_MULTI
1
R
0x40
[225]
Access size
ACC_SIZE
1
R
0x08
[224]
High-capacity erase unit size
HC_ERASE_GRP_SIZE
1
R
0x01
[223]
High-capacity erase timeout
ERASE_TIMEOUT_MULT
1
R
0x11
[222]
Reliable write sector count
REL_WR_SEC_C
1
R
0x01
[221]
High-capacity write protect group size
HC_WP_GRP_SIZE
1
R
0x10
[220]
Sleep current (VCC)
S_C_VCC
1
R
0x08
[219]
Sleep current (VCCQ)
S_C_VCCQ
1
R
0x08
[218]
Production state awareness timeout
PRODUCTION_STATE
_AWARENESS_TIMEOUT
1
R
0x14
[217]
Sleep/awake timeout
S_A_TIMEOUT
1
R
0x15
[216]
Sleep Notification Timeout
SLEEP_NOTIFICATION_TIME
1
R
0x10
[215:212]
Sector Count
SEC_COUNT
4
R
0x01CF8000
[211]
Sector Write Protection Information
SECURE_WP_INFO
1
R
0x01
[210]
Minimum Write Performance for 8bit
at 52MHz
MIN_PERF_W_8_52
1
R
0x08
[209]
Minimum Read Performance 8bit
at 52MHz
MIN_PERF_R_8_52
1
R
0x08
[208]
Minimum Write Performance for 8bit
at 26MHz, for 4bit at 52MHz
MIN_PERF_W_8_26_4_52
1
R
0x08
[207]
Minimum Read Performance for 8 bit
at 26MHz, for 4bit at 52MHz
MIN_PERF_R_8_26_4_52
1
R
0x08
[206]
Minimum Write Performance for 4bit
at 26MHz
MIN_PERF_W_4_26
1
R
0x08
[205]
Minimum Read Performance for 4bit
at 26MHz
MIN_PERF_R_4_26
1
R
0x08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com