Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THGAMRG7T13BAIL Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # THGAMRG7T13BAIL
Description  16GB THGAMRG7T13BAIL
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THGAMRG7T13BAIL Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button THGAMRG7T13BAIL Datasheet HTML 9Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 10Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 11Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 12Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 13Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 14Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 15Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 16Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
THGAMRG7T13BAIL
13
February 14th, 2019
© 2019 Toshiba Memory Corporation
ELECTRICAL CHARACTERISTICS
DC Characteristics
Absolute Maximum Ratings
The absolute maximum ratings of a semiconductor device are a set of specified parameter values, which must
not be exceeded during operation, even for an instant.
If any of these rating would be exceeded during operation, the device electrical characteristics may be irreparably
altered and the reliability and lifetime of the device can no longer be guaranteed. Moreover, these operations with
exceeded ratings may cause break down, damage, and/or degradation to any other equipment. Applications using
the device should be designed such that each maximum rating will never be exceeded in any operating conditions.
Before using, creating, and/or producing designs, refer to and comply with the precautions and conditions set forth
in this document.
Parameter
Symbol
Test Conditions
Min
Max
Unit
Supply voltage 1
VCC
-
-0.5
4.7
V
Supply voltage 2
VCCQ
-
-0.5
1.98
V
Voltage Input
VIO
-
-0.5
1.98
V
General
Parameter
Symbol
Test Conditions
Min
Max
Unit
Peak voltage on all lines
-
-
-0.5
VCCQ+0.5
V
All Inputs
Input Leakage Current (before initialization sequence Note 1
and/or the internal pull up resistors connected)
-
-
-100
100
μA
Input Leakage Current (after initialization sequence and the
internal pull up resistors disconnected)
-
-
-2
2
μA
All Outputs
Output Leakage Current (before initialization sequence)
-
-
-100
100
μA
Output Leakage Current (after initialization sequence)
-
-
-2
2
μA
Note 1: Initialization sequence is defined in Power-Up chapter of JEDEC/MMCA Standard
Power Supply Voltage
Parameter
Symbol
Test Conditions
Min
Max
Unit
Supply voltage 1
VCC
-
2.7
3.6
V
Supply voltage 2
VCCQ
-
1.7
1.95
V
2.7
3.6
V
Note 1: Once the power supply VCC or VCCQ falls below the minimum guaranteed voltage (for example, upon sudden power fail),
the voltage level of VCC or VCCQ shall be kept less than 0.5 V for at least 1ms before it goes beyond 0.5 V again.
Note 2: The host and device I/O power (VCCQ) shall be provided from same power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com