Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THGAMRG7T13BAIL Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # THGAMRG7T13BAIL
Description  16GB THGAMRG7T13BAIL
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THGAMRG7T13BAIL Datasheet(HTML) 2 Page - Toshiba Semiconductor

  THGAMRG7T13BAIL Datasheet HTML 1Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 2Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 3Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 4Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 5Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 6Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 7Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 8Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
THGAMRG7T13BAIL
2
February 14th, 2019
© 2019 Toshiba Memory Corporation
Part Number
Available e-MMC Module Product
– Part Number
Part Number
Density
Package Size
NAND Flash Type
Weight
THGAMRG7T13BAIL
16GB
11.5mm x 13mm x 0.8mm(max)
1 x 128Gbit BiCS3
TBD typ.
Temperature
Characteristics
Min
Max
Unit
Operating temperature
-25
85
°C
Storage temperature
-40
85
°C
Note: Avoid locations where e-MMC devices may be exposed to water (wet, rain, dew condensation, etc).
Performance
X8 mode/ Sequential access(4MByte access size)
Part Number
Density
NAND Flash Type
Interleave
Operation
Frequency
/Mode
VCCQ
Typ. Performance
[MB/s]
Read
Write
THGAMRG7T13BAIL
16GB
1 x 128Gbit BiCS3
Non
Interleave
52MHz/SDR
1.8V
45
TBD
52MHz/DDR
1.8V
85
TBD
HS200
1.8V
175
TBD
HS400
1.8V
310
110
Power Supply
VCC = 2.7V to 3.6V
VCCQ = 1.7V to 1.95V
Operating Current (RMS)
The measurement for max RMS current is done as average RMS current consumption over a period of 100ms.
Part Number
Density
NAND Flash Type
Interleave
Operation
Frequency
/Mode
VCCQ
Max Operating
Current [mA]
ICCQ
ICC
THGAMRG7T13BAIL
16GB
1 x 128Gbit BiCS3
Non
Interleave
52MHz/SDR
1.8V
TBD
TBD
52MHz/DDR
1.8V
TBD
TBD
HS200
1.8V
TBD
TBD
HS400
1.8V
TBD
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com