Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THGAMRG7T13BAIL Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # THGAMRG7T13BAIL
Description  16GB THGAMRG7T13BAIL
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THGAMRG7T13BAIL Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button THGAMRG7T13BAIL Datasheet HTML 17Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 18Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 19Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 20Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 21Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 22Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 23Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 24Page - Toshiba Semiconductor THGAMRG7T13BAIL Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
THGAMRG7T13BAIL
21
February 14th, 2019
© 2019 Toshiba Memory Corporation
tISU
VIH
VIH
VIL
VIL
VT
VCCQ
CLOCK
INPUT
VSS
tPERIOD
VCCQ
VSS
CMD.DAT[7-0]
INPUT
VALID
WINDOW
tIH
Bus Timing Specification in HS200 mode
HS200 Clock Timing
Host CLK Timing in HS200 mode shall conform to the timing specified in following figure and Table. CLK input shall
satisfy the clock timing over all possible operation and environment conditions. CLK input parameters should be
measured while CMD and DAT lines are stable high or low, as close as possible to the Device. The maximum
frequency of HS200 is 200MHz. Hosts can use any frequency up to the maximum that HS200 mode allows.
Note 1: VIH denote VIH(min.) and VIL denotes VIL(max.).
Note 2: VT = 50% of VCCQ, indicates clock reference point for timing measurements.
Symbol
Min
Max
Unit
Remark
tPERIOD
5
ns
200MHz (max.), between rising edges
tTLH, tTHL
0.2 * tPERIOD
ns
tTLH, tTHL < 1ns (max.) at 200MHz, CDEVICE=6pF,
The absolute maximum value of tTLH, tTHL is 10ns regardless of
clock frequency.
Duty Cycle
30
70
%
HS200 Device Input Timing
Note 1: tISU and tIH are measured at VIL(max) and VIH(min).
Note 2: VIH denote VIH(min) and VIL denotes VIL(max).
Symbol
Min
Max
Unit
Remark
tISU
1.40
ns
CDEVICE ≤ 6pF
tIH
0.8
ns
CDEVICE ≤ 6pF
VT
VCCQ
CLOCK
INPUT
VSS
tPERIOD
VIH
VIL
tTLH
tTHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com