Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2431-RTR1 Datasheet(PDF) 7 Page - Texas Instruments

Part # CC2431-RTR1
Description  System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2431-RTR1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC2431-RTR1 Datasheet HTML 3Page - Texas Instruments CC2431-RTR1 Datasheet HTML 4Page - Texas Instruments CC2431-RTR1 Datasheet HTML 5Page - Texas Instruments CC2431-RTR1 Datasheet HTML 6Page - Texas Instruments CC2431-RTR1 Datasheet HTML 7Page - Texas Instruments CC2431-RTR1 Datasheet HTML 8Page - Texas Instruments CC2431-RTR1 Datasheet HTML 9Page - Texas Instruments CC2431-RTR1 Datasheet HTML 10Page - Texas Instruments CC2431-RTR1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CC2431
CC2431 PRELIMINARY Datasheet (Rev. 1.01) SWRS034A
Page 7 of 13
2.1.1
Reference Coordinates
The Location Engine requires a set of
between
three
and
eight
reference
coordinates [x0, y0, x1, y1, … x7, y7] to be
input. The reference coordinates express
each reference nodes position in meters,
as unsigned values in the interval [0,
63.75]
meters.
The
finest
possible
resolution is 0.25 meter. The format used
is fixed-point data with the two LSBs
representing the fractional part and the
remaining six bits representing the integer
part.
Reference coordinates are loaded into the
RF register
REFCOORD. Before writing to
REFCOORD, a 1 must be written to the
register bit
LOCENG.REFLD to indicate
that a set of reference coordinates are
being written. Once the coordinate load
process commences (
LOCENG.REFLD
=1), eight coordinate pairs must always be
written. However, it is possible for the
Location Engine to use less than eight
reference coordinates, by marking certain
reference coordinates as unused. Zeros
can be used to fill the unused reference
coordinate
slots,
and
they
will
be
interpreted as unused when 0.0 is loaded
as the RSSI value for those reference
coordinates.
The reference coordinates are written in
the order [x0, y0, x1, y1, …, x7, y7] to the
register
REFCOORD. After all coordinates
have been written, a 0 is written to the
register bit
LOCENG.REFLD.
2.1.2
Measured Parameters
After the reference coordinates have been
written, a set of measured parameters
must be input to the Location Engine.
These parameters consist of two radio
parameters and eight RSSI values. The
radio parameters are the values A and n.
These radio parameters are used in the
Engine’s algorithm used to find the
estimated location. The parameters A and
n can be adjusted to describe the
propagation environment in which a
network of devices will operate.
2.1.2.1 Parameter Definitions
The measured parameters are described
in this section together with how these
should be estimated.
2.1.2.1.1
Parameter A
The radio parameter A is defined as the
absolute value of the average power in
dBm received at a close-in reference
distance of one meter from the transmitter,
assuming an omni-directional radiation
pattern.
For example, if the mean
received power at one meter is -40 dBm,
the parameter A is specified as 40.
The Engine expects the parameter A to be
in the range [30.0, 50.0] with precision 0.5.
The parameter A is given as an unsigned
fixed-point value where the LSB bit is the
fractional bit and the remaining bits are the
integer part. A typical value for A is 40.0.
2.1.2.1.2 Parameter n
The radio parameter n is defined as the
path loss exponent that describes the rate
at which the signal power decays with
increasing distance from the transmitter.
This decay is proportional to d
-n where d is
the distance between transmitter and
receiver.
The actual parameter n value written to
the Location Engine is an integer index
value selected from a lookup table shown
in Table 2.
As an example, in the case when the
value n=2.98 is found from measurements,
the closest available value of n in the
lookup table is 3.00, corresponding to
index 13. Therefore, the integer value 13
is used for the parameter n written to the
Location Engine.
Refer to section 2.1.2.1.3 in order to find
the
value
for
n
to
be
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com