Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2431-RTR1 Datasheet(PDF) 12 Page - Texas Instruments

Part # CC2431-RTR1
Description  System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2431-RTR1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC2431-RTR1 Datasheet HTML 6Page - Texas Instruments CC2431-RTR1 Datasheet HTML 7Page - Texas Instruments CC2431-RTR1 Datasheet HTML 8Page - Texas Instruments CC2431-RTR1 Datasheet HTML 9Page - Texas Instruments CC2431-RTR1 Datasheet HTML 10Page - Texas Instruments CC2431-RTR1 Datasheet HTML 11Page - Texas Instruments CC2431-RTR1 Datasheet HTML 12Page - Texas Instruments CC2431-RTR1 Datasheet HTML 13Page - Texas Instruments CC2431-RTR1 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
CC2431
CC2431 PRELIMINARY Datasheet (Rev. 1.01) SWRS034A
Page 12 of 13
3
Ordering Information
Ordering part number
Description
Minimum Order
Quantity (MOQ)
1371
CC2431-RTB1
CC2431, QLP48 package, RoHS compliant Pb-free assembly in
tubes with 43 pcs per tube, Single Chip RF Transceiver
43
1372
CC2431-RTR1
CC2431, QLP48 package, RoHS compliant Pb-free assembly,
tape and reel with 2500 pcs per reel, Single Chip RF Transceiver
2500
1367
CC2431DK
CC2431 ZigBee Development Kit
1
1368
CC2431ZDK Pro
CC2431 ZigBee Development Kit including support and training
1
Table 12: Ordering Information
4
General Information
4.1
Document History
Revision
Date
Description/Changes
1.0
2005-11-30
First release
1.01
2006-05-11
Preliminary status updated
Table 13: Document History
4.2
Product Status Definitions
Data Sheet Identification
Product Status
Definition
Advance Information
Planned or Under
Development
This data sheet contains the design specifications for product
development. Specifications may change in any manner without
notice.
Preliminary
Engineering Samples
and Pre-Production
Prototypes
This data sheet contains preliminary data, and supplementary
data will be published at a later date. Chipcon reserves the right
to make changes at any time without notice in order to improve
design and supply the best possible product. The product is not
yet fully qualified at this point.
No Identification Noted
Full Production
This data sheet contains the final specifications. Chipcon
reserves the right to make changes at any time without notice in
order to improve design and supply the best possible product.
Obsolete
Not In Production
This data sheet contains specifications on a product that has
been discontinued by Chipcon. The data sheet is printed for
reference information only.
Table 14: Product Status Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com