Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2431-RTR1 Datasheet(PDF) 10 Page - Texas Instruments

Part # CC2431-RTR1
Description  System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2431-RTR1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC2431-RTR1 Datasheet HTML 6Page - Texas Instruments CC2431-RTR1 Datasheet HTML 7Page - Texas Instruments CC2431-RTR1 Datasheet HTML 8Page - Texas Instruments CC2431-RTR1 Datasheet HTML 9Page - Texas Instruments CC2431-RTR1 Datasheet HTML 10Page - Texas Instruments CC2431-RTR1 Datasheet HTML 11Page - Texas Instruments CC2431-RTR1 Datasheet HTML 12Page - Texas Instruments CC2431-RTR1 Datasheet HTML 13Page - Texas Instruments CC2431-RTR1 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CC2431
CC2431 PRELIMINARY Datasheet (Rev. 1.01) SWRS034A
Page 10 of 13
results have been calculated or until a
reset.
Note that
LOCENG.EN must be 1 during
operation of the Location Engine.
2.2 Location Engine Registers
This section describes the RF registers
associated with the Location Engine.
These registers are:
LOCENG
Location Engine
control and status
REFCOORD
Reference
coordinates input
MEASPARM
Measured
parameters input
LOCX
Location estimate
X coordinate
LOCY
Location estimate
Y coordinate
LOCMIN
Minimum function
estimate
The RF registers reside in XDATA memory
space. Table 3 gives an overview of
register addresses while the remaining
tables in this section describe each
register in detail. Refer also to section 1
for Register conventions.
For the remaining RF registers refer to the
CC2430 Data Sheet.
Table 3 : Overview of Location Engine RF registers
XDATA
Address
Register name
Description
0xDF55
REFCOORD
Reference coordinates input
0xDF56
MEASPARM
Measured parameters input
0xDF57
LOCENG
Location Engine control and status
0xDF58
LOCX
Location estimate X coordinate
0xDF59
LOCY
Location estimate Y coordinate
0xDF5A
LOCMIN
Minimum function estimate
0xDF60
CHVER
Chip Version
0xDF61
CHIPID
Chip Identification
Bit
Name
Reset
R/W
Description
7:0
REFCOORD
0
R/W
Location Engine reference coordinate [x0, y0, x1, y1, … x7,
y7]
Table 4: Register REFCOORD (0xDF55)
Bit
Name
Reset
R/W
Description
7:0
MEASPARM
0
R/W
Location Engine measured parameters of channel and
reference nodes [A, n, rssi0, rssi1, …, rssi7]
Table 5: Register MEASPARM (0xDF56)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com