Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2431-RTR1 Datasheet(PDF) 11 Page - Texas Instruments

Part # CC2431-RTR1
Description  System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2431-RTR1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC2431-RTR1 Datasheet HTML 6Page - Texas Instruments CC2431-RTR1 Datasheet HTML 7Page - Texas Instruments CC2431-RTR1 Datasheet HTML 8Page - Texas Instruments CC2431-RTR1 Datasheet HTML 9Page - Texas Instruments CC2431-RTR1 Datasheet HTML 10Page - Texas Instruments CC2431-RTR1 Datasheet HTML 11Page - Texas Instruments CC2431-RTR1 Datasheet HTML 12Page - Texas Instruments CC2431-RTR1 Datasheet HTML 13Page - Texas Instruments CC2431-RTR1 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CC2431
CC2431 PRELIMINARY Datasheet (Rev. 1.01) SWRS034A
Page 11 of 13
Bit
Name
Reset
R/W
Description
7:5
-
00
R0
Reserved, read as 0.
4
EN
0
R/W
Enable location engine
0
Disable location engine
1
Enable location engine
3
DONE
0
R
Estimation completed. After 1 has been written to RUN, this
bit is cleared and then set to 1 when the estimated data is
ready.
2
PARLD
0
R/W
Load parameters. This bit shall be written as 1 before the
set of parameters are written to MEASPARM. Write 0 to this
bit after the last parameter has been written.
1
REFLD
0
R/W
Load reference coordinates. This bit shall be written as 1
before the set of coordinates are written to REFCOORD.
Write 0 to this bit after the last coordinate has been written.
0
RUN
0
R0W1
Location estimate start. This bit shall be written as 1 when
desired coordinates and parameters have been written to
REFCOORD and MEASPARM registers. Estimation
process starts when 1 is written to this bit. Always read as
0.
Table 6: Register LOCENG (0xDF57)
Bit
Name
Reset
R/W
Description
7:0
LOCX
00h
R
Location estimate X coordinate.
Table 7: Register LOCX (0xDF58)
Bit
Name
Reset
R/W
Description
7:0
LOCY
00h
R
Location estimate Y coordinate.
Table 8: Register LOCY (0xDF59)
Bit
Name
Reset
R/W
Description
7:0
LOCMIN
00h
R
Location estimate minimum value
Table 9: Register LOCMIN (0xDF5A)
Bit
Name
Reset
R/W
Description
7:0
VERSION[7:0]
0x01
R
Chip revision number
Table 10: Register CHVER (0xDF60)
Bit
Name
Reset
R/W
Description
7:0
CHIPID[7:0]
0x89
R
Chip identification number. Always read as 0x89.
Table 11: Register CHIPID (0xDF61)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com