Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL7078ACPZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL7078ACPZN-R7
Description  High Survivability, Low Noise Amplifier, 1 GHz to 20 GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL7078ACPZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL7078ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Data Sheet
ADL7078
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 6 of 19
Figure 2. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RBIAS
Bias Setting Resistor. Connect a resistor between RBIAS and VDD to set the IDQ. See Figure 3 for the interface schematic.
2, 6 to 14, 18 to 23
NIC
Not Internally Connected. This pin is not connected internally. For normal operation, connect the NIC pins to a ground plane that has
low electrical and thermal impedance.
3, 5, 15, 17
GND
Ground. Connect the GND pins to a ground plane that has low electrical and thermal impedance. See Figure 4 for the interface
schematic.
4
RFIN
RF Input. The RFIN pin has a DC path to ground followed by an AC-coupling capacitor in the RF signal path and matched to 50 Ω. If
the DC bias level of the input signal is not equal to 0 V, externally AC-couple the RFIN pin. See Figure 5 for the interface schematic.
16
RFOUT
RF Output. The RFOUT pin has a resistive path to ground and an AC-coupling capacitor in the RF signal path and matched to 50
Ω. If the DC bias level of the next stage is not equal to 0 V, externally AC-couple the RFOUT pin. See Figure 5 for the interface
schematic.
24
VDD
Drain Bias. Connect the VDD pin to the supply voltage. See Figure 6 for the interface schematic.
EXPOSED
PADDLE
Exposed Ground Paddle. Connect the exposed paddle to a ground plane that has low electrical and thermal impedance.
INTERFACE SCHEMATICS
Figure 3. RBIAS Interface Schematic
Figure 4. GND Interface Schematic
Figure 5. RFIN/RFOUT Interface Schematic
Figure 6. VDD Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com