Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL7078ACPZN-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL7078ACPZN-R7
Description  High Survivability, Low Noise Amplifier, 1 GHz to 20 GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL7078ACPZN-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL7078ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Data Sheet
ADL7078
THEORY OF OPERATION
analog.com
Rev. 0 | 15 of 19
The ADL7078 is a low-noise, wideband amplifier with integrated
AC-coupling capacitors and a bias inductor. A simplified block
diagram is shown in Figure 51.
The ADL7078 RFIN and RFOUT pins are AC-coupled and matched
to 50 Ω. However, if these pins are connecting to devices with bias
levels that are not equal to 0 V, externally AC-couple the RFIN and
RFOUT pins.
To adjust the drain bias current, connect an external resistor be-
tween the RBIAS and VDD pins.
Figure 51. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com