Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL7078ACPZN-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL7078ACPZN-R7
Description  High Survivability, Low Noise Amplifier, 1 GHz to 20 GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL7078ACPZN-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL7078ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Data Sheet
ADL7078
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 16 of 19
The basic connections for operating the ADL7078 over the speci-
fied frequency range are shown in Figure 52. No external biasing
inductor is required, allowing the 5 V supply to be connected to the
VDD pin. Power supply decoupling capacitors of 0.01 μF and 100
pF are recommended. No AC coupling capacitors are required on
RFIN or on RFOUT as long as these pins are connected to DC bias
levels of 0 V.
To set the IDQ, connect a resistor between the RBIAS and VDD
pins. A default value of 698 Ω is recommended, which results in a
nominal IDQ of 175 mA, supplying 5 V to VDD pin. Table 9 details
the resulting IDQ for various RBIAS values where the resistor is tied
to 5 V.
The circuit shown in Figure 52 represents the configuration used to
characterize and qualify the ADL7078.
Figure 52. Typical Application Circuit
To safely operate the ADL7078, apply RF power after the supply
voltage is connected to VDD and RBIAS and remove the RF power
before the supply voltage is removed from VDD and RBIAS.
Table 9. Recommended RBIAS Values for VDD = 5 V
RBIAS (Ω)
IDQ (mA)
IDQ_AMP (mA)
IRBIAS (mA)
498
200
194.5
5.5
698
175
170.5
4.5
883
150
146
3.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com