Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL7078ACPZN-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL7078ACPZN-R7
Description  High Survivability, Low Noise Amplifier, 1 GHz to 20 GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL7078ACPZN-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL7078ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL7078ACPZN-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Data Sheet
ADL7078
RECOMMENDED POWER MANAGEMENT CIRCUIT
analog.com
Rev. 0 | 17 of 19
Figure 53 shows the recommended power management circuit for
the ADL7078. The LT8607 step-down regulator is used to step
down a 12 V rail to 6.62 V, which is then applied to the LT3042 low
dropout (LDO) linear regulator to generate a low noise 5 V output.
While the circuit shown in Figure 53 has an input voltage (VIN) of 12
V, the input range to the LT8607 can be as high as 42 V.
The 6.62 V regulator output of the LT8607 is set by the R2 and R3
resistors according to the following equation:
R2 = R3((VOUT/0.778 V) − 1), where VOUT is the output voltage.
The switching frequency (fSW) is set to 2 MHz by the 18.2 kΩ
resistor on the RT pin of the LT8697. The LT8607 data sheet
provides a table of resistor values that can be used to select other
fSW values ranging from 0.2 MHz to 2.200 MHz.
VOUT = 100 μA × R4
The PGFB resistors of the LT3042 are chosen to trigger the power-
good (PG) signal when the output is just under 95% of the target
voltage of 5 V. The output of the LT3042 has 1% initial tolerance
and another 1% variation over temperature. The PGFB tolerance is
roughly 3% over temperature and adding resistors results in a bit
more (5%), therefore, putting 5% between the output and the PGFB
resistors works well. In addition, the PG open collector is pulled up
to the 5 V output to give a convenient 0 V to 5 V voltage range.
Figure 53. Recommended Power Management Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com