Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT360C Datasheet(PDF) 14 Page - Qingdao Hantek Electronic Co., Ltd.

Part # HT360C
Description  Leeb Hardness Tester
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTEK [Qingdao Hantek Electronic Co., Ltd.]
Direct Link  http://www.hantek.com/
Logo HANTEK - Qingdao Hantek Electronic Co., Ltd.

HT360C Datasheet(HTML) 14 Page - Qingdao Hantek Electronic Co., Ltd.

Back Button HT360C Datasheet HTML 10Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 11Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 12Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 13Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 14Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 15Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 16Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 17Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 18Page - Qingdao Hantek Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
Product features
EN
HT360 series user manual
Copyright©Qingdao Hantek Electronics Co.,LTD
6
2
Product features
Product features
Apply Leeb hardness measurement principle to measure various metal materials,
including steel and cast steel, alloy tool steel, stainless steel, gray cast iron, ductile
iron, cast aluminum alloy, copper zinc alloy, copper tin alloy, pure copper, forged
steel, etc;
Realize the mutual conversion between seven kinds of hardness scales: Leeb
(HL), Brinell (HB), Rockwell B (HRB), Rockwell C (HRC), Rockwell A (HRA),
Vickers (HV) and Shore (HS);
Support tests in 5 different directions, including vertical downward, oblique
downward, horizontal, oblique upward and vertical upward;
Equipped with D-type impact device, which supports DC, DL, D+15, G and other
types of impact devices;
Support Windows connection, equipped with USB Type-C interface, which can
easily and quickly exchange data with PC;
Adopt 2.8-inch color display which can provide informative and intuitive content;
The instrument is powered by rechargeable lithium battery, which can work
continuously for no less than 80 hours. The long-life and environmentally-friendly
battery has power saving functions such as backlight time adjustment and
automatic shutdown;
Chinese and English display, which is simple and convenient;
Large capacity memory, which can store 500 data of single measurement value of
the host, including measurement value, average value, measurement date, impact
direction, times, materials, hardness system and other information;
Applicable to quality control of heat treated workpieces, rapid inspection of
workpieces with small test space such as installed mechanical or permanent
assembly parts and mold cavities, rapid inspection of multiple parts of large
workpieces, failure analysis of pressure vessels, steam turbine generators and
other equipment, the material differentiation of bearing and other parts production
lines, metal material warehouses, production line of bearing and other
components, material differentiation of metal material warehouse, and hardness
testing of machine tool guides and automobile chassis.
HT360 series portable hardness tester adopts Leeb hardness measurement principle to
detect metal hardness, which can measure various metal materials including steel and
cast steel, alloy tool steel, stainless steel, gray cast iron, ductile iron, cast aluminum
alloy, copper zinc alloy, copper tin alloy, pure copper, forged steel, etc; Realize the
mutual conversion between seven hardness scale, including Leeb (HL), Brinell (HB),
Rockwell B (HRB), Rockwell C (HRC), Rockwell A (HRA), Vickers (HV) and Shore (HS).
Adopt streamlined ergonomic structure design, equip with a support, and adopt 2.8 inch
high-definition display screen, which can display rich and intuitive information; Equip
with a large capacity memory, which can store up to 500 data. Support the optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com