Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT360C Datasheet(PDF) 19 Page - Qingdao Hantek Electronic Co., Ltd.

Part # HT360C
Description  Leeb Hardness Tester
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTEK [Qingdao Hantek Electronic Co., Ltd.]
Direct Link  http://www.hantek.com/
Logo HANTEK - Qingdao Hantek Electronic Co., Ltd.

HT360C Datasheet(HTML) 19 Page - Qingdao Hantek Electronic Co., Ltd.

Back Button HT360C Datasheet HTML 15Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 16Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 17Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 18Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 19Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 20Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 21Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 22Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 23Page - Qingdao Hantek Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
Quick Start
EN
Copyright©Qingdao Hantek Electronics Co.,LTD
HT360 series user manual
11
under the effect of elastic force, and calculate the hardness value with the ratio of the
rebound speed and impact speed of the punch at a distance of 1mm from the sample
surface. The calculation formula is as follows:
HL=1000 * VB/VA
Where: HL - Leeb hardness value
VB -- Rebound speed of impact body
VA - Impact velocity of impact body
The output signal of the impact device is shown in the following diagram:
Fig. 4 Output signal of impact device
Technical characteristics
Serial
No
Impact
device type
Hardness value of
standard Leeb
hardness block
Indication
error
Repeatability
of indication
1
D
760±30HLD
530±40HLD
±6 HLD
±10 HLD
6 HLD
10 HLD
2
DC
760±30HLDC
530±40HLDC
±6 HLDC
±10 HLDC
6 HLD
10 HLD
3
DL
878±30HLDL
736±40HLDL
±12 HLDL
12 HLDL
4
D+15
766±30HLD+15
544±40HLD+15
±12
HLD+15
12 HLD+15
5
G
590±40HLG
500±40HLG
±12 HLG
12 HLG
6
E
725±30HLE
508±40HLE
±12 HLE
12 HLE
7
C
822±30HLC
590±40HLC
±12 HLC
12 HLC
Table 41 Display error and repeatability
This series of hardness tester meets the following standards
1. GB/T 17394. 1-2014 Leeb Hardness Test for Metallic Materials Part 1: Test Method
2. GB/T 17394. 2-2012 Leeb Hardness Test for Metallic Materials Part 2: Verification
and Calibration of Hardness Tester



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com