Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT360C Datasheet(PDF) 27 Page - Qingdao Hantek Electronic Co., Ltd.

Part # HT360C
Description  Leeb Hardness Tester
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTEK [Qingdao Hantek Electronic Co., Ltd.]
Direct Link  http://www.hantek.com/
Logo HANTEK - Qingdao Hantek Electronic Co., Ltd.

HT360C Datasheet(HTML) 27 Page - Qingdao Hantek Electronic Co., Ltd.

Back Button HT360C Datasheet HTML 23Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 24Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 25Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 26Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 27Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 28Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 29Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 30Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 31Page - Qingdao Hantek Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
Quick Start
EN
Copyright©Qingdao Hantek Electronics Co.,LTD
HT360 series user manual
19
1 Status display
Status
display
Sign
Description
Time
Instrument
time
Press the System>User button to enter the user system and
change the time. When the battery is removed, the time and
date will return to their original values.
Electricity
surplus
Prompt the remaining power. When the battery icon is red,
it indicates that the battery is low. Please charge the
instrument in time.
Charging power supply: 5V/2A; The charging time is about
6 hours;
The continuous working time shall not be less than 80
hours (25 ℃ without Bluetooth);
Table 2 User Interface
2 Functional area
The function area is displayed when the machine is turned on.
3 Menu area
Press
to select the corresponding menu.
4.7
Battery
4.7.1
Battery storage
Lithium ion batteries can be stored in clean, dry and ventilated rooms. Avoid contact
with corrosive substances and keep away from fire and heat sources.
If the instrument is not used for a long time (more than 6 months), the battery should be
taken out of the instrument and stored in a dry and cool environment with 50% ~70% of
the power.
If the lithium battery is damaged, rusted, leaking, swollen, etc., it shall be taken out
immediately and scrapped.
4.7.2
Battery replacement
The battery can be recharged repeatedly, but it is a consumable. If the standby time is
greatly reduced, the battery needs to be replaced. The battery specification is 18650
lithium battery, 3.7V, 2600mAh.
Please refer to the following steps for replacement:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com