Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT360C Datasheet(PDF) 21 Page - Qingdao Hantek Electronic Co., Ltd.

Part # HT360C
Description  Leeb Hardness Tester
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTEK [Qingdao Hantek Electronic Co., Ltd.]
Direct Link  http://www.hantek.com/
Logo HANTEK - Qingdao Hantek Electronic Co., Ltd.

HT360C Datasheet(HTML) 21 Page - Qingdao Hantek Electronic Co., Ltd.

Back Button HT360C Datasheet HTML 17Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 18Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 19Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 20Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 21Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 22Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 23Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 24Page - Qingdao Hantek Electronic Co., Ltd. HT360C Datasheet HTML 25Page - Qingdao Hantek Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Quick Start
EN
Copyright©Qingdao Hantek Electronics Co.,LTD
HT360 series user manual
13
inaccurate test values, so it should be reinforced or supported at the back of the test
point;
3. The magnetism of the sample should be less than 30 Gauss.
4.5.1
Measurement
Before measurement, random hardness block can be used to inspect the
instrument, and its display error and repeatability shall not be greater than those
specified in Table 4.1.
1. Booting
a. Insert the impact device plug into the impact device socket on the upper side of the
instrument;
b. Press the
key. When the power is on, the instrument enters the measurement
state.
2. Loading
Figure 4 Loading
Push the loading sleeve downward to lock the impact body; For DC-type impact
device, place the loading bar on the test surface, insert the DC-type impact device
into the loading bar until its stop position, and then the loading is completed.
Press the support ring of the impact device tightly on the surface of the sample, and the
impact direction should be perpendicular to the test surface.
3. Measuring
Press the release button on the upper part of the impact device to measure. At this
time, the sample, impact device and operator shall be stable, and the force
direction shall pass through the axis of the impact device;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com