Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1340468 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1340468
Description  DD31PC 2,2/ 8-3,81-X - PCB connector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1340468 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1340468 Datasheet HTML 1Page - PHOENIX CONTACT 1340468 Datasheet HTML 2Page - PHOENIX CONTACT 1340468 Datasheet HTML 3Page - PHOENIX CONTACT 1340468 Datasheet HTML 4Page - PHOENIX CONTACT 1340468 Datasheet HTML 5Page - PHOENIX CONTACT 1340468 Datasheet HTML 6Page - PHOENIX CONTACT 1340468 Datasheet HTML 7Page - PHOENIX CONTACT 1340468 Datasheet HTML 8Page - PHOENIX CONTACT 1340468 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB connector, color: black, nominal current: 8 A, rated voltage (III/2): 160 V, contact connection
type: Socket, number of rows: 2, number of positions: 8, product range: DD31PC 2,2/, pitch: 3.81
mm, connection method: Crimp connection, conductor/PCB connection direction: 0 °, locking
clip: - without locking clip, plug-in system: CONNEXIS DD, locking: Snap-in locking, mounting:
Self-locking flange, type of packaging: packed in cardboard
Your advantages
Cost-effective connection of crimped conductors in large quantities
•
Small component size for applications where space is at a premium
•
Contacts arranged in a double row enable high packing density in a compact area
•
Intuitive locking mechanism prevents accidental disconnection
•
Tools for automatic crimping available as an option
•
Commercial data
Item number
1340468
Packing unit
50 pc
Minimum order quantity
50 pc
Note
Made to order (non-returnable)
Product key
AABCUH
GTIN
4063151646936
Weight per piece (including packing)
5.064 g
Weight per piece (excluding packing)
5.119 g
Country of origin
CN
DD31PC 2,2/ 8-3,81-X - PCB connector
1340468
https://www.phoenixcontact.com/us/products/1340468
Nov 28, 2023, 1:06 AM
Page 1 (13)


Similar Part No. - 1340468

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1340465 PHOENIX-1340465 Datasheet
693Kb / 12P
DD31PC 2,2/ 4-3,81-X - PCB connector
1340466 PHOENIX-1340466 Datasheet
727Kb / 13P
DD31PC 2,2/ 6-3,81-X - PCB connector
1340469 PHOENIX-1340469 Datasheet
730Kb / 13P
DD31PC 2,2/10-3,81-X - PCB connector
More results

Similar Description - 1340468

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1340465 PHOENIX-1340465 Datasheet
693Kb / 12P
DD31PC 2,2/ 4-3,81-X - PCB connector
1340466 PHOENIX-1340466 Datasheet
727Kb / 13P
DD31PC 2,2/ 6-3,81-X - PCB connector
1340469 PHOENIX-1340469 Datasheet
730Kb / 13P
DD31PC 2,2/10-3,81-X - PCB connector
1340471 PHOENIX-1340471 Datasheet
729Kb / 13P
DD31PC 2,2/12-3,81-X - PCB connector
1340472 PHOENIX-1340472 Datasheet
696Kb / 12P
DD31PC 2,2/14-3,81-X - PCB connector
1340475 PHOENIX-1340475 Datasheet
694Kb / 12P
DD31PC 2,2/18-3,81-X - PCB connector
1340481 PHOENIX-1340481 Datasheet
724Kb / 13P
DD31PC 2,2/20-3,81-X - PCB connector
1341274 PHOENIX-1341274 Datasheet
493Kb / 11P
DD31PC 2,2/ 4-3,81-Y - PCB connector
1341276 PHOENIX-1341276 Datasheet
496Kb / 11P
DD31PC 2,2/ 8-3,81-Y - PCB connector
1341280 PHOENIX-1341280 Datasheet
496Kb / 11P
DD31PC 2,2/12-3,81-Y - PCB connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com