Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1340468 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 1340468
Description  DD31PC 2,2/ 8-3,81-X - PCB connector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1340468 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 1340468 Datasheet HTML 5Page - PHOENIX CONTACT 1340468 Datasheet HTML 6Page - PHOENIX CONTACT 1340468 Datasheet HTML 7Page - PHOENIX CONTACT 1340468 Datasheet HTML 8Page - PHOENIX CONTACT 1340468 Datasheet HTML 9Page - PHOENIX CONTACT 1340468 Datasheet HTML 10Page - PHOENIX CONTACT 1340468 Datasheet HTML 11Page - PHOENIX CONTACT 1340468 Datasheet HTML 12Page - PHOENIX CONTACT 1340468 Datasheet HTML 13Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
D3PC-MP 0,50-1,25-F-SN-R - Crimp contact
1340888
https://www.phoenixcontact.com/us/products/1340888
Crimp contact, nominal current: 6 A, contact surface: Tin
D3PC-MP 1,25-2,2-F-SN-R - Crimp contact
1340889
https://www.phoenixcontact.com/us/products/1340889
Crimp contact, nominal current: 8 A, contact surface: Tin
DD31PC 2,2/ 8-3,81-X - PCB connector
1340468
https://www.phoenixcontact.com/us/products/1340468
Nov 28, 2023, 1:06 AM
Page 10 (13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com