Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1340468 Datasheet(PDF) 12 Page - PHOENIX CONTACT

Part # 1340468
Description  DD31PC 2,2/ 8-3,81-X - PCB connector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1340468 Datasheet(HTML) 12 Page - PHOENIX CONTACT

Back Button 1340468 Datasheet HTML 5Page - PHOENIX CONTACT 1340468 Datasheet HTML 6Page - PHOENIX CONTACT 1340468 Datasheet HTML 7Page - PHOENIX CONTACT 1340468 Datasheet HTML 8Page - PHOENIX CONTACT 1340468 Datasheet HTML 9Page - PHOENIX CONTACT 1340468 Datasheet HTML 10Page - PHOENIX CONTACT 1340468 Datasheet HTML 11Page - PHOENIX CONTACT 1340468 Datasheet HTML 12Page - PHOENIX CONTACT 1340468 Datasheet HTML 13Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
DD31H 2,2/ 8-V-3,81-X - PCB header
1340606
https://www.phoenixcontact.com/us/products/1340606
PCB headers, color: black, nominal current: 8 A, rated voltage (III/2): 160 V,
contact surface: Tin, contact connection type: Pin, number of rows: 2, number of
positions: 8, product range: DD31H 2,2/..-V, pitch: 3.81 mm, mounting: Wave
soldering, pin layout: Linear pinning, solder pin [P]: 3.8 mm, number of solder
pins per potential: 1, plug-in system: CONNEXIS DD, Pin connector pattern
alignment: Standard, locking: Snap-in locking, mounting: Engagement nose, type
of packaging: packed in cardboard
DD31H 2,2/ 8-PT-3,81-X - Feed-through plug
1340632
https://www.phoenixcontact.com/us/products/1340632
Feed-through connector, color: black, nominal current: 8 A, rated voltage (III/2):
160 V, contact connection type: Pin, number of rows: 2, number of positions: 8,
product range: DD31H 2,2/..-PT, pitch: 3.81 mm, connection method: Crimp
connection, conductor/PCB connection direction: 0 °, pin layout: Linear pinning,
locking clip: - without locking clip, plug-in system: CONNEXIS DD, locking: Snap-
in locking, mounting: Engagement nose, type of packaging: packed in cardboard
DD31PC 2,2/ 8-3,81-X - PCB connector
1340468
https://www.phoenixcontact.com/us/products/1340468
Nov 28, 2023, 1:06 AM
Page 12 (13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com