Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1340468 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1340468
Description  DD31PC 2,2/ 8-3,81-X - PCB connector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1340468 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1340468 Datasheet HTML 1Page - PHOENIX CONTACT 1340468 Datasheet HTML 2Page - PHOENIX CONTACT 1340468 Datasheet HTML 3Page - PHOENIX CONTACT 1340468 Datasheet HTML 4Page - PHOENIX CONTACT 1340468 Datasheet HTML 5Page - PHOENIX CONTACT 1340468 Datasheet HTML 6Page - PHOENIX CONTACT 1340468 Datasheet HTML 7Page - PHOENIX CONTACT 1340468 Datasheet HTML 8Page - PHOENIX CONTACT 1340468 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Technical data
Product properties
Product line
CONNEXIS Connectors S
Product type
PCB connector
Product family
DD31PC 2,2/
Number of positions
8
Pitch
3.81 mm
Number of rows
2
Electrical properties
Nominal current IN
8 A
Nominal voltage UN
160 V
Degree of pollution
3
Contact resistance
5 mΩ
Rated voltage (III/3)
160 V
Rated surge voltage (III/3)
2.5 kV
Rated voltage (III/2)
160 V
Rated surge voltage (III/2)
2.5 kV
Rated voltage (II/2)
320 V
Rated surge voltage (II/2)
2.5 kV
Connection data
Interlock
Locking type
Snap-in locking
Mounting flange
Self-locking flange
Conductor connection
Connection method
Crimp connection
Conductor/PCB connection direction
0 °
Conductor cross section AWG
28 ... 14
Stripping length
4.5 mm
Material specifications
Material data - housing
Color (Housing)
black (9005)
Insulating material
PBT
Insulating material group
II
CTI according to IEC 60112
400 ≤ CTI < 600
Flammability rating according to UL 94
V0
Dimensions
DD31PC 2,2/ 8-3,81-X - PCB connector
1340468
https://www.phoenixcontact.com/us/products/1340468
Nov 28, 2023, 1:06 AM
Page 2 (13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com