Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9421 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9421
Description  Power management IC for low-power microcontroller applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9421 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9421 Datasheet HTML 1Page - NXP Semiconductors PCA9421 Datasheet HTML 2Page - NXP Semiconductors PCA9421 Datasheet HTML 3Page - NXP Semiconductors PCA9421 Datasheet HTML 4Page - NXP Semiconductors PCA9421 Datasheet HTML 5Page - NXP Semiconductors PCA9421 Datasheet HTML 6Page - NXP Semiconductors PCA9421 Datasheet HTML 7Page - NXP Semiconductors PCA9421 Datasheet HTML 8Page - NXP Semiconductors PCA9421 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
NXP Semiconductors
PCA9421
Power management IC for low-power microcontroller applications
4 Ordering information
Package
Type number
Topside
marking Name
Description
Version
PCA9421BS
421
HVQFN24
plastic thermal enhanced very thin quad flat package; no
leads; 24 terminals; body 3 x 3 x 0.85 mm
SOT905-1
PCA9421UK
9421
WLCSP25
wafer level chip-scale package, 25 terminals, 0.4 mm
pitch, 2.09 mm x 2.09 mm x 0.525 mm body
SOT1401-4
Table 1. Ordering information
4.1 Ordering options
Type number Orderable part
number
Package
Packing method
Minimum order
quantity
Temperature range
(Tamb)
PCA9421BS
PCA9421BSZ
HVQFN24
REEL 7" Q2 NDP
1400
-40 °C to +85 °C
PCA9421UK
PCA9421UKZ
WLCSP25
REEL 7" Q1 DP CHIPS
3000
-40 °C to +85 °C
Table 2. Ordering options
PCA9421
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 16 October 2023
2 / 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com