Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9421 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9421
Description  Power management IC for low-power microcontroller applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9421 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9421 Datasheet HTML 8Page - NXP Semiconductors PCA9421 Datasheet HTML 9Page - NXP Semiconductors PCA9421 Datasheet HTML 10Page - NXP Semiconductors PCA9421 Datasheet HTML 11Page - NXP Semiconductors PCA9421 Datasheet HTML 12Page - NXP Semiconductors PCA9421 Datasheet HTML 13Page - NXP Semiconductors PCA9421 Datasheet HTML 14Page - NXP Semiconductors PCA9421 Datasheet HTML 15Page - NXP Semiconductors PCA9421 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
NXP Semiconductors
PCA9421
Power management IC for low-power microcontroller applications
2. If there are output rails which may be enabled or disabled from initial mode setting to target mode setting,
then always make sure these rails which change from disabled to enabled take higher priority over rails
which change from enabled to disabled, i.e., make sure all the rails change from disabled status to enabled
status (reaches 90 % of its target value) first, and then start to disable these rails, changing from enable
status to disable status.
8.8 Mode selection by external pins (MODESEL0, MODESEL1)
Up on initial power-up, PCA9421 enters its default setting (Mode Setting 0). While operating under Mode Setting
0, by default the I2C register bit, EN_MODE_SEL_BY_PIN_0, is set to “0”, and the external signal applied on
the MODESEL0 and MODESEL1 pins are ignored. Only when the user sets EN_MODE_SEL_BY_PIN_0 to
“1”, can the mode control on the chip be programmed via MODESEL0 and MODESEL1 pin signal settings. The
MODESEL0 and MODESEL1 pins are not allowed to change while a mode change is in progress.
When EN_MODE_SEL_BY_PIN_x (x=0, 1, 2, or 3) bits are set to "1", MCU should satisfy the following
MODESEL signal conditions:
• No less than 5 µs pulse on each MODESEL signal.
• No more than 0.5 µs delay between MODESEL pins when transit from different modes.
In order to avoid impacting mode transition when there is disturbance in MODESELS pins
(EN_MODE_SEL_BY_PIN_x =1), it is proposed to implement one of the following designs:
• Hardware: Adding 10 nF capacitors to remove noise injection on MODESEL pins.
MODESEL1 pin voltage level
MODESEL0 pin voltage level
All Settings from
LOW (0)
LOW (0)
Mode Setting 0
LOW (0)
HIGH (1)
Mode Setting 1
HIGH (1)
LOW (0)
Mode Setting 2
HIGH (1)
HIGH (1)
Mode Setting 3
Table 4. Mode selection by external pins (MODESEL0, MODESEL1)
8.9 SYSRSTn
The SYSRSTn is implemented as an open-drain output signal. It is used as an output of “power-good” indication
as well as to reset the microcontroller system.
The SYSRSTn signal is held from HIGH to LOW under one of following conditions:
1. When any of the enabled voltage rail output voltage drops below 90 % (typ) of its target value.
2. When any of the enabled voltage rail output voltage goes above 110 % (typ) of its target value
If any of the voltage rail is disabled by the user (by setting the corresponding enable bit in I2C register in each
mode setting, i.e., LDO1_EN_x, LDO2_EN_x, SW1_EN_x, SW2_EN_x), the SYSRSTn signal should NOT
assert (stays HIGH) under such scenario.
This also applies during the power-up/power-down sequence events, i.e., during power- up or power-down
event, the SYSRSTn signal should assert when any of the enabled rail has not reaches the 90 % to 110 % of its
target value. In other words, the SYSRSTn = 0 (LOW) needs to remain at such state until all enabled rails reach
90 % of the target values.
Once the condition that caused the SYSRSTn signal to go LOW is removed, then the SYSRSTn should refresh
accordingly.
Meanwhile, during the voltage change on-the-fly, this could be caused by:
PCA9421
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 16 October 2023
12 / 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com