Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9421 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9421
Description  Power management IC for low-power microcontroller applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9421 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9421 Datasheet HTML 17Page - NXP Semiconductors PCA9421 Datasheet HTML 18Page - NXP Semiconductors PCA9421 Datasheet HTML 19Page - NXP Semiconductors PCA9421 Datasheet HTML 20Page - NXP Semiconductors PCA9421 Datasheet HTML 21Page - NXP Semiconductors PCA9421 Datasheet HTML 22Page - NXP Semiconductors PCA9421 Datasheet HTML 23Page - NXP Semiconductors PCA9421 Datasheet HTML 24Page - NXP Semiconductors PCA9421 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
NXP Semiconductors
PCA9421
Power management IC for low-power microcontroller applications
Bit
Symbol
Default value
Type
Function
1
SW_INT
0
R
Buck regulator blocks (SW1, SW2) interrupt event trigger indication
0: no interrupt event on SW1 and/or SW2 blocks triggered
1: interrupt event on SW1 and/or SW2 blocks triggered
0
LDO_INT
0
R
LDO block (LDO1, LDO2) interrupt event trigger indication
0: no interrupt event on LDO1 and/or LDO2 blocks triggered
1: interrupt event on LDO1 and/or LDO2 blocks triggered
Table 10. TOP_INT register bit description...continued
9.5.3 Sub level interrupt_0 (SUB_INT0, address 02h)
The sub-level interrupt register contains flags indicating the second-tier interrupt event. For this register, it
contains system level related interrupt events. Any of the interrupt sources of this register trigger the SYS_INT
bit on the TOP_INT register as long as they are unmasked on the Sub_INT0_Mask register.
This is WRITE AND CLEAR register.
Bit
Symbol
Default value Type
Function
7
RSVD
0
W/C
Reserved bit
6
RSVD
0
W/C
Reserved bit
5
ON_PUSH_INT
0
W/C
ON falling edge longer than 5 ms happened
4
TEMP_
PREWARNING
0
W/C
Die temperature pre-warning interrupt
1: die temp ≥ TWARNING
0: die temp < TWARNING. TWARNING threshold is configured by T_
WARNING [1:0]
3
THEM_SHDN
0
W/C
Thermal shutdown interrupt
0: thermal shutdown is not triggered
1: die temp ≥ TSHDN (set in THEM_SHDN [2:0], thermal shutdown is
triggered
2
ASYS_
PREWARNING
0
W/C
ASYS Pre-Warning Voltage Interrupt
0: ASYS voltage does NOT fall below the threshold set in ASYS_
PREWARNING [1:0]
1: ASYS voltage falls below the threshold set in ASYS_PREWARNING
[1:0]
1
WD_TIMER
0
W/C
Watchdog Timer Expiration Interrupt
0: The watchdog timer expiration has not happened since the last time
this bit was cleared.
1: The watchdog timer expiration has happened since the last time this
bit was cleared.
0
IN_PWR
0
W/C
Input Voltage Interrupt
0: The IN_PWR bit has not changed since the last time this bit was
cleared.
1: The IN_PWR bit has changed since the last time this bit was
cleared.
Table 11. Sub_INT0 register bit description
9.5.4 Sub level interrupt_0 mask (Sub_INT0_Mask, address 03h)
This is a READ AND WRITE register.
PCA9421
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 16 October 2023
21 / 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com