Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9421 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCA9421
Description  Power management IC for low-power microcontroller applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9421 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCA9421 Datasheet HTML 24Page - NXP Semiconductors PCA9421 Datasheet HTML 25Page - NXP Semiconductors PCA9421 Datasheet HTML 26Page - NXP Semiconductors PCA9421 Datasheet HTML 27Page - NXP Semiconductors PCA9421 Datasheet HTML 28Page - NXP Semiconductors PCA9421 Datasheet HTML 29Page - NXP Semiconductors PCA9421 Datasheet HTML 30Page - NXP Semiconductors PCA9421 Datasheet HTML 31Page - NXP Semiconductors PCA9421 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
NXP Semiconductors
PCA9421
Power management IC for low-power microcontroller applications
Bit
Symbol
Default value Type
Function
7:6
RSVD
0
R
Reserved bit
5
IN_PWR_OK
0
R
IN_PWR (input power) status, refer to IN_PWR_STATUS [1:0] for more
details
0: Input power voltages are invalid, i.e., IN_PWR_STATUS [1:0] ≠ 0b11
1: Input power voltages are valid, i.e., IN_PWR_STATUS [1:0] = 0b11
4:0
RSVD
0
R
Reserved bit
Table 22. VIN_PWR Status_0 register bit description
9.5.15 VIN_PWR Status_1 (PWR_STATUS_1, address 19h)
This register stores the present status of VIN power, part 1. This is a READ ONLY register. The status of this
register is only valid when VIN_ILIM condition is not reached.
Bit
Symbol
Default value Type
Function
7:6
IN_PWR_
STATUS
00
R
VIN and ASYS input power status
00: Input power is invalid. VIN < VIN_UVLO
01: Input power is invalid. ASYS < VIN_AUX + 100 mV typical, VIN >
VIN_UVLO
10: input power is invalid. VIN > VIN_OVP
11: Input power is valid. VIN > VIN_UVLO, ASYS > VIN_AUX + 100
mV typical, VIN < VIN_OVP
5:0
RSVD
0
R
Reserved bit
Table 23. VIN_PWR Status_1 register bit description
9.5.16 Regulator status (REG_STATUS, address 20h)
This register stores the present status of the SW1, SW2, LDO1, LDO2. This is a READ ONLY register.
Bit
Symbol
Default value Type
Function
7
VOUTSW1 _OK 0
R
SW1 VOUT “Power-good” Status
0: VOUT_SW1 is not OK, i.e., VOUTSW1 / VOUTSW1(nominal) ≤
90 % or VOUTSW1 / VOUTSW1(nominal) ≥ 110 %
1: VOUT_SW1 is OK, i.e., 110 % > VOUTSW1 / VOUTSW1(nominal) >
90 %
6
VOUTSW2 _OK 0
R
SW2 VOUT “Power-good” Status
0: VOUT_SW2 is not OK, i.e., VOUTSW2 / VOUTSW2(nominal) ≤
90 % or VOUTSW2 / VOUTSW2(nominal) ≥ 110 %
1: VOUT_SW2 is OK, i.e., 110 % > VOUTSW2 / VOUTSW2(nominal) >
90 %
5
VOUTLDO1 _OK 0
R
LDO1VOUT “Power-good” Status
0: VOUTLDO1 is not OK, i.e., VOUTLDO1 / VOUTLDO1 (nominal) ≤
90 % or VOUT LDO1 / VOUT LDO1 (nominal) ≥ 110 %
1: VOUTLDO1 is OK, i.e., 110 % > VOUTLDO1 / VOUTLDO1
(nominal) > 90 %
4
VOUTLDO2_OK 0
R
LDO2VOUT “Power-good” Status
0: VOUTLDO2 is not OK, i.e., VOUTLDO2 / VOUTLDO2 (nominal) ≤
90 % or VOUTLDO2 / VOUTLDO2 (nominal) ≥ 110 %
Table 24. REG_STATUS register bit description
PCA9421
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 16 October 2023
28 / 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com