Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1513 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1513
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1513 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1513 Datasheet HTML 1Page - Diodes Incorporated AP1513 Datasheet HTML 2Page - Diodes Incorporated AP1513 Datasheet HTML 3Page - Diodes Incorporated AP1513 Datasheet HTML 4Page - Diodes Incorporated AP1513 Datasheet HTML 5Page - Diodes Incorporated AP1513 Datasheet HTML 6Page - Diodes Incorporated AP1513 Datasheet HTML 7Page - Diodes Incorporated AP1513 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP1513
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
1 of 8
JANUARY 2007
www.diodes.com
© Diodes Incorporated
•
Input voltage: 3.6V to 18V
•
Output voltage: 0.8V to VCC
•
Duty ratio: 0% to 100% PWM control
•
Oscillation frequency: 300KHz typ.
•
Soft-start, Current limit, Enable function
•
Thermal Shutdown function
•
Built-in internal SW P-channel MOS
•
SOP-8L: Available in “Green” Molding Compound
•
Lead Free Finish/RoHS Compliant for Lead Free and
“Green” products (Note 1)
AP1513 consists of step-down switching regulator with PWM control.
These devices include a reference voltage source, oscillation circuit,
error amplifier, and internal PMOS.
AP1513 provides low-ripple power, high efficiency, and excellent
transient characteristics. The PWM control circuit is able to vary the
duty ratio linearly from 0 up to 100%. This converter also contains
an error amplifier circuit as well as a soft-start circuit that prevents
overshoot at startup. An enable function, an over current protect
function and a short circuit protect function are built inside, and
when OCP or SCP happens, the operation frequency will be
reduced from 300KHz to 30KHz. Also, an internal compensation
block is built in to minimum external component count.
With the addition of an internal P-channel Power MOS, a coil,
capacitors, and a diode connected externally, these ICs can
function as step-down switching regulators. They serve as ideal
power supply units for portable devices when coupled with the
SOP–8L mini-package, providing such outstanding features as
low current consumption. Since this converter can accommodate
an input voltage up to 18V, it is also suitable for the operation via
an AC adapter.
•
PC Motherboard
•
LCD Monitor
•
Graphic Card
•
DVD-Video Player
•
Telecom Equipment
•
ADSL Modem
•
Printer and other Peripheral Equipment
•
Microprocessor core supply
•
Networking power supply
AP1513 X X X
Package
Packing
- U : Tube
-13 : Taping
S : SOP-8L
Lead-Free
L : Lead-Free
G : Green
Note: 1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Tube/Bulk
13” Tape and Reel
Device
(Note 2)
Package
Code
Packaging Quantity Part Number
Suffix
Quantity
Part Number
Suffix
AP1513S
S
SOP-8L
100
-U
2500/Tape & Reel
-13
Note:
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications
Ordering Information


Similar Part No. - AP1513

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1513 ANACHIP-AP1513 Datasheet
185Kb / 7P
PWM Control 2A Step-Down Converter
Rev. 1.3 Nov 17, 2005
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
249Kb / 9P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 4
AP1513 DIODES-AP1513 Datasheet
495Kb / 9P
PWM CONTROL 2A STEP-DOWN CONVERTER
Rev 5
AP1513 DIODES-AP1513 Datasheet
490Kb / 9P
PWM CONTROL 2A STEP-DOWN CONVERTER
Rev. 5 - 2 December 2017
logo
Anachip Corp
AP1513S ANACHIP-AP1513S Datasheet
185Kb / 7P
PWM Control 2A Step-Down Converter
Rev. 1.3 Nov 17, 2005
More results

Similar Description - AP1513

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1513 ANACHIP-AP1513 Datasheet
185Kb / 7P
PWM Control 2A Step-Down Converter
Rev. 1.3 Nov 17, 2005
AP1520 ANACHIP-AP1520 Datasheet
197Kb / 7P
PWM Control 2A Step-Down Converter
Rev. 1.5 Apr 10, 2006
logo
Diodes Incorporated
AP1520 DIODES-AP1520 Datasheet
259Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
AP1534 DIODES-AP1534 Datasheet
170Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 2
AP5002 DIODES-AP5002 Datasheet
250Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 6
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3133 FOSLINK-FSP3133 Datasheet
219Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
AP1513 DIODES-AP1513_17 Datasheet
495Kb / 9P
PWM CONTROL 2A STEP-DOWN CONVERTER
Rev 5
logo
SI-CORE CORP.
CX4060 SICORE-CX4060 Datasheet
416Kb / 9P
PWM Control 2A Step-Down Converter
Rev. 1.02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com