Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1603W Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP1603W
Description  STEP-UP DC/DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1603W Datasheet(HTML) 6 Page - Diodes Incorporated

  AP1603W Datasheet HTML 1Page - Diodes Incorporated AP1603W Datasheet HTML 2Page - Diodes Incorporated AP1603W Datasheet HTML 3Page - Diodes Incorporated AP1603W Datasheet HTML 4Page - Diodes Incorporated AP1603W Datasheet HTML 5Page - Diodes Incorporated AP1603W Datasheet HTML 6Page - Diodes Incorporated AP1603W Datasheet HTML 7Page - Diodes Incorporated AP1603W Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AP1603
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
6 of 8
NOVEMBER 2006
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics ( Continued )
EFFICIENCY vs.
INPUT VOLTAGE = 1.2V
82.00
83.00
84.00
85.00
86.00
87.00
88.00
89.00
90.00
91.00
INPUT VOLTAGE = 1.2 (V)
EFFICIENCY vs.
INPUT VOLTAGE = 2.4V
80.00
81.00
82.00
83.00
84.00
85.00
86.00
87.00
88.00
89.00
90.00
91.00
92.00
INPUT VOLTAGE = 2.4 (V)
SHUTDOWN CURRENT
vs. SUPPLY VOLTAGE
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1234
SUPPLY VOLTAGE (V)
SHUTDOWN THRESHOLD VOLTAGE
vs. SUPPLY VOLTAGE
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1
1.5
2
2.5
3
3.5
4
SUPPLY VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com