Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1603W Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1603W
Description  STEP-UP DC/DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1603W Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1603W Datasheet HTML 1Page - Diodes Incorporated AP1603W Datasheet HTML 2Page - Diodes Incorporated AP1603W Datasheet HTML 3Page - Diodes Incorporated AP1603W Datasheet HTML 4Page - Diodes Incorporated AP1603W Datasheet HTML 5Page - Diodes Incorporated AP1603W Datasheet HTML 6Page - Diodes Incorporated AP1603W Datasheet HTML 7Page - Diodes Incorporated AP1603W Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP1603
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
1 of 8
NOVEMBER 2006
www.diodes.com
© Diodes Incorporated
Lead-free
•
A Guaranteed Start-Up from less than 0.9 V
•
High Efficiency
•
Low Quiescent Current
•
Less Number of External Components needed
•
Low Ripple and Low Noise
•
Space Saving Lead-Free Packages: SOT26
•
Lead Free Finish/RoHS Compliant for Lead Free
products (Note 1)
The AP1603 is a high efficiency step-up DC/DC converter for
applications using as few as a single NiMH or Li-Ion battery cells.
Only four external components are required to deliver a fixed
output voltage of 3.3V. The AP1603 starts up from less than 0.9V
input with 1mA load. Pulse Frequency Modulation scheme brings
optimized performance for applications with light output loading
and low input voltages. The output ripple and noise are lower
compared with the circuits operating in PSM mode.
The PFM control circuit operating in 150KHz (max.) switching
rate results in smaller passive components. The space saving
SOT26 packages make the AP1603 an ideal choice of DC/DC
converter for space conscious applications, like pagers,
electronic cameras, and wireless microphones.
•
Pagers
•
Cameras
•
Wireless Microphones
•
Pocket Organizers
•
Battery Backup Suppliers
•
Portable Instruments
A P 1 6 0 3 X X X
Package
Packing
- 7 : Taping
W : SOT26
Lead-Free
L : Lead-Free
(Note 2)
Note: 1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Note:
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications
Ordering Information
7” Tape and Reel
Device
Package Code
Packaging
(Note 2)
Quantity
Part Number Suffix
AP1603W
W
SOT26
3000/Tape & Reel
-7


Similar Part No. - AP1603W

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1603W ANACHIP-AP1603W Datasheet
166Kb / 8P
Step-Up DC/DC Converter
Rev.1.0 Jun. 3, 2004
AP1603WA ANACHIP-AP1603WA Datasheet
166Kb / 8P
Step-Up DC/DC Converter
Rev.1.0 Jun. 3, 2004
logo
Diodes Incorporated
AP1603WG DIODES-AP1603WG Datasheet
188Kb / 10P
STEP-UP DC/DC CONVERTER
DS31131 Rev. 3 - 2
AP1603WG-7 DIODES-AP1603WG-7 Datasheet
299Kb / 8P
STEP-UP DC-DC CONVERTER
Rev 4
AP1603WG-7 DIODES-AP1603WG-7 Datasheet
278Kb / 8P
STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
More results

Similar Description - AP1603W

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1601 ANACHIP-AP1601 Datasheet
207Kb / 9P
Step-Up DC/DC Converter
Rev. 1.1 Apr. 14, 2005
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
Step-Up DC/DC Converter
Rev. 0.1 Apr. 14, 2004
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
Step-Up DC/DC Converter
Rev. 1.0 May. 5, 2005
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
Step-up DC/DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603_10 Datasheet
188Kb / 10P
STEP-UP DC/DC CONVERTER
DS31131 Rev. 3 - 2
logo
Unisonic Technologies
UC8383 UTC-UC8383 Datasheet
446Kb / 10P
STEP-UP DC/DC CONVERTER
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
Step-Up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com