Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1603W Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1603W
Description  STEP-UP DC/DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1603W Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1603W Datasheet HTML 1Page - Diodes Incorporated AP1603W Datasheet HTML 2Page - Diodes Incorporated AP1603W Datasheet HTML 3Page - Diodes Incorporated AP1603W Datasheet HTML 4Page - Diodes Incorporated AP1603W Datasheet HTML 5Page - Diodes Incorporated AP1603W Datasheet HTML 6Page - Diodes Incorporated AP1603W Datasheet HTML 7Page - Diodes Incorporated AP1603W Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AP1603
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
4 of 8
NOVEMBER 2006
www.diodes.com
© Diodes Incorporated
Typical Application Circuit
(1) VOUT = 5V
SHDN
LX
OUT
REF
0.1uF
22uH
47uF
+
47uF
+
V
IN
ON
OFF
Fixed Output
( 5V )
GND
1.1V to 5.5V
FB
(2) VOUT = 3.3V
SHDN
LX
OUT
REF
0.1uF
22uH
47uF
+
47uF
+
V
IN
ON
OFF
Fixed Output
( 3.3V )
GND
1.1V to 3.6V
FB
(3) VOUT = Adj
SH DN
LX
OUT
REF
0.1uF
22uH
47uF
+
47uF
+
VIN
ON
OFF
Output
GND
1.1V to 5.5V
FB
R2
R1
VOUT = VREF (1+
)
R1
R2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com