Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1603W Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1603W
Description  STEP-UP DC/DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1603W Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1603W Datasheet HTML 1Page - Diodes Incorporated AP1603W Datasheet HTML 2Page - Diodes Incorporated AP1603W Datasheet HTML 3Page - Diodes Incorporated AP1603W Datasheet HTML 4Page - Diodes Incorporated AP1603W Datasheet HTML 5Page - Diodes Incorporated AP1603W Datasheet HTML 6Page - Diodes Incorporated AP1603W Datasheet HTML 7Page - Diodes Incorporated AP1603W Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP1603
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
2 of 8
NOVEMBER 2006
www.diodes.com
© Diodes Incorporated
1
2
3
74
6
LX
GND
OUT
REF
SOT26
AP1603
5
SHDN
FB
Name
Description
FB
Feedback
GND Ground
REF
1.2V Reference Voltage. Bypass with a
0.1µF capacitor.
LX
N-Channel and P-Channel Power MOSFET
Drain
OUT
Power Output. OUT provides bootstrap
power to the IC.
SHDN
Shutdown Input. Drive high (>80% of VOUT)
for operating mode. Drive low (<20% of
VOUT) for shutdown mode. Connect to OUT
for normal operation.
Block Diagram
S
Q
R
F/F
TRIG
One-Shot
Q
One-Shot
Q
TRIG
Maximum
On-Time
One-Shot
Error
Amplifier
Current-Limit
Amplifier
Zero
Crossing
Amplifier
Minimum
Off-Time
One-Shot
OUT
LX
GND
FB
REF
0.1uF
22uH
0.1uF
47uF
47uF
SHDN
P
N
V
IN
EN
FB
Pin Assignments
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com