Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1811 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV1811
Description  TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1811 Datasheet(HTML) 3 Page - Texas Instruments

  TLV1811 Datasheet HTML 1Page - Texas Instruments TLV1811 Datasheet HTML 2Page - Texas Instruments TLV1811 Datasheet HTML 3Page - Texas Instruments TLV1811 Datasheet HTML 4Page - Texas Instruments TLV1811 Datasheet HTML 5Page - Texas Instruments TLV1811 Datasheet HTML 6Page - Texas Instruments TLV1811 Datasheet HTML 7Page - Texas Instruments TLV1811 Datasheet HTML 8Page - Texas Instruments TLV1811 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
5 Pin Configuration and Functions
Pin Functions: TLV18x1 and TLV18x1L
1
2
3
4
5
IN-
V+
IN+
OUT
V-
TLV1811 and TLV1821
Standard "North West" pinout
DBV, DCK Packages,
SOT-23-5, SC-70-5
Top View
1
2
3
4
5
IN-
V-
IN+
OUT
V+
TLV1811L and TLV1821L DBV Package,
"LMC72x1/TLV72x1 type" pinout with reversed supplies
SOT-23-5,
Top View
1
2
3
4
6
IN-
V-
IN+
OUT
V+
5
N/C
TLV1811L and TLV1821L DCK Package,
"TLV72x1 6-pin type" pinout with reversed supplies and shifted V-
SC-70-6,
Top View
Table 5-1. Pin Functions: TLV1811, TLV1821, TLV1811L and TLV1821L
NAME
TLV1811, TLV1821
TLV1811L, TLV1821L
I/O
DESCRIPTION
PINS
PINS
SOT-23
SC-70
SOT-23
SC-70
OUT
1
1
1
1
O
Output
V-
2
2
5
5
-
Negative Supply Voltage
IN+
3
3
3
3
I
Non-Inverting (+) Input
IN-
4
4
4
4
I
Inverting (-) Input
V+
5
5
2
2
-
Positive Supply Voltage
N/C
-
-
-
6
-
No Connection
www.ti.com
TLV1811, TLV1821, TLV1812, TLV1822, TLV1814, TLV1824
SNOSDC8C – SEPTEMBER 2022 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TLV1811 TLV1821 TLV1812 TLV1822 TLV1814 TLV1824



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com