Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1811 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV1811
Description  TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1811 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV1811 Datasheet HTML 7Page - Texas Instruments TLV1811 Datasheet HTML 8Page - Texas Instruments TLV1811 Datasheet HTML 9Page - Texas Instruments TLV1811 Datasheet HTML 10Page - Texas Instruments TLV1811 Datasheet HTML 11Page - Texas Instruments TLV1811 Datasheet HTML 12Page - Texas Instruments TLV1811 Datasheet HTML 13Page - Texas Instruments TLV1811 Datasheet HTML 14Page - Texas Instruments TLV1811 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
7 Typical Characteristics (continued)
TA = 25°C, VS = 12 V, RPULLUP = 2.5 k, CL = 20 pF, VCM = 0 V, VUNDERDRIVE = 100 mV, VOVERDRIVE = 100 mV unless
otherwise noted.
Figure 7-7. Output Voltage vs. Output Sinking Current, 12 V
Output Sourcing Current (A)
10
100
1m
10m
100m
1m
10m
100m
1
10
VS = 12 V
P-P Output Only
125°C
25°C
-40°C
Figure 7-8. Output Voltage vs. Output Sourcing Current, 12 V
Output Sinking Current (A)
10
100
1m
10m
100m
1m
10m
100m
1
10
VS = 40 V
125°C
25°C
-40°C
Figure 7-9. Output Voltage vs. Output Sinking Current, 40 V
Output Sourcing Current (A)
10
100
1m
10m
100m
1m
10m
100m
1
10
VS = 40 V
P-P Output Only
125°C
25°C
-40°C
Figure 7-10. Output Voltage vs. Output Sourcing Current, 40 V
Input Overdrive (mV)
10
20
30 40 50 70 100
200 300
500 700 1000
0
100
200
300
400
500
600
700
800
900
1000
VS = 2.4V
VCM = VS/2
CL = 20pF
125°C
85°C
25°C
-40°C
Figure 7-11. Propagation Delay, High to Low, 2.4 V
Input Overdrive (mV)
10
20
30 40 50 70 100
200 300
500 700 1000
0
100
200
300
400
500
600
700
800
900
1000
VS = 2.4V
VCM = VS/2
CL = 20pF
125°C
85°C
25°C
-40°C
Figure 7-12. Propagation Delay, Low to High, 2.4 V
www.ti.com
TLV1811, TLV1821, TLV1812, TLV1822, TLV1814, TLV1824
SNOSDC8C – SEPTEMBER 2022 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TLV1811 TLV1821 TLV1812 TLV1822 TLV1814 TLV1824



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com