Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1811 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV1811
Description  TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1811 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV1811 Datasheet HTML 9Page - Texas Instruments TLV1811 Datasheet HTML 10Page - Texas Instruments TLV1811 Datasheet HTML 11Page - Texas Instruments TLV1811 Datasheet HTML 12Page - Texas Instruments TLV1811 Datasheet HTML 13Page - Texas Instruments TLV1811 Datasheet HTML 14Page - Texas Instruments TLV1811 Datasheet HTML 15Page - Texas Instruments TLV1811 Datasheet HTML 16Page - Texas Instruments TLV1811 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
8 Detailed Description
8.1 Overview
The TLV181x and TLV182x devices are micro-power comparators with push-pull and open-drain output options.
Operating down to 2.4 V while only consuming only 5 µA per channel, the TLV181x and TLV182x are well suited
for portable, automotive and industrial applications. An internal power-on reset circuit ensures that the output
remains in a known state during power-up and power-down.
8.2 Functional Block Diagrams
OUT
+
-
IN+
IN-
Bias
Power-On
Reset
V+
V-
V+
V-
V-
V-
Output
Control
V-
V+
*
*
* Push-Pull
Version Only
Power
Clamp
V+
V+
ESD
CLAMPS
Figure 8-1. TLV18xx Block Diagram
8.3 Feature Description
TLV18xx Family Options
The TLV18xxy family consists of several output and pinout options, all featuring 40 V operation, micro-power 5
µA supply currents, 420 ns propagation delay, and a Power-On Reset (POR) function.
The TLV18xx family has two output options:
The TLV181x has a push-pull (sink-source) output.
The TLV182x has a open-drain (sink only) output, capable of being pulled-up to any voltage up to 40 V,
independent of comparator supply voltage.
The TLV1811L and TLV1821L are alternate pinouts of the TLV1811 and TLV1821 that allow upgrading older
devices such as the TLV7211, TLV7221, LMC7211 and LMC7221 family.
8.4 Device Functional Modes
8.4.1 Inputs
8.4.1.1 TLV18xx Rail-to-Rail Input
The TLV18xx input voltage range extends from 200 mV below V- to 200 mV above V+. The differential input
voltage (VID) may be any voltage within these limits. No phase-inversion of the comparator output will occur
when the input voltages stay within the specified range.
www.ti.com
TLV1811, TLV1821, TLV1812, TLV1822, TLV1814, TLV1824
SNOSDC8C – SEPTEMBER 2022 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV1811 TLV1821 TLV1812 TLV1822 TLV1814 TLV1824



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com